Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT4401 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # MMBT4401
Description  We declare that the material of product compliant with RoHS requirements and Halogen Free.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

MMBT4401 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  MMBT4401 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd MMBT4401 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd MMBT4401 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd MMBT4401 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd MMBT4401 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
●FEATURES
1) We declare that the material of product compliant with
RoHS requirements and Halogen Free.
2) S- Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC-Q101
Qualified and PPAP Capable.
●DEVICE MARKING AND ORDERING INFORMATION
Device
Marking
2X
●MAXIMUM RATINGS(Ta = 25℃)
Parameter
Symbol
Limits
Unit
Collector–Emitter Voltage
VCEO
40
Vdc
Collector–Base Voltage
VCBO
60
Vdc
Emitter–Base Voltage
VEBO
6
Vdc
Collector Current — Continuous
IC
600
mAdc
●THERMAL CHARACTERISTICS
Total Device Dissipation,
PD
FR−5 Board (Note 1) @ TA = 25°C
225
mW
Derate above 25°C
1.8
mW/℃
Thermal Resistance,
RΘJA
556
℃/W
Junction–to–Ambient(Note 1)
Total Device Dissipation,
PD
Alumina Substrate (Note 2) @ TA = 25°C
300
mW
Derate above 25°C
2.4
mW/℃
Thermal Resistance,
RΘJA
417
℃/W
Junction–to–Ambient(Note 2)
Junction and Storage temperature
TJ,Tstg
−55∼+150
℃
1. FR–5 = 1.0×0.75×0.062 in.
2. Alumina = 0.4×0.3×0.024 in. 99.5% alumina.
Shipping
3000/Tape&Reel
Dimensions SOT-23
Pin Configuration
Rev :
www.leiditech.com
01.06.2014
1/5
MMBT4401
MMBT4401


Similar Part No. - MMBT4401

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBT4401 TRSYS-MMBT4401 Datasheet
195Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Zowie Technology Corpor...
MMBT4401 ZOWIE-MMBT4401 Datasheet
125Kb / 6P
SWITCHING TRANSISTOR NPN SILICON
logo
Fairchild Semiconductor
MMBT4401 FAIRCHILD-MMBT4401 Datasheet
29Kb / 2P
NPN General Purpose Amplifier
logo
Diodes Incorporated
MMBT4401 DIODES-MMBT4401 Datasheet
52Kb / 3P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30039 Rev. 4 - 2
logo
General Semiconductor
MMBT4401 GE-MMBT4401 Datasheet
117Kb / 3P
SMALL SIGNAL TRANSISTORS (NPN)
More results

Similar Description - MMBT4401

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LBAV99LT1G LEIDITECH-LBAV99LT1G Datasheet
679Kb / 4P
We declare that the material of product compliance with RoHS requirements and Halogen Free.
LMBT4401LT1G LEIDITECH-LMBT4401LT1G Datasheet
1,014Kb / 5P
We declare that the material of product compliant with RoHS requirements and Halogen Free
MMBT3906 LEIDITECH-MMBT3906 Datasheet
957Kb / 5P
We declare that the material of product compliant with RoHS requirements and Halogen Free
MMBTA56L LEIDITECH-MMBTA56L Datasheet
898Kb / 5P
We declare that the material of product compliant with RoHS requirements and Halogen Free.
2N7002DW LEIDITECH-2N7002DW Datasheet
622Kb / 6P
We declare that the material of product compliance with RoHS requirements and Halogen Free.
LH8550QLT1G LEIDITECH-LH8550QLT1G Datasheet
475Kb / 4P
We declare that the material of product compliance with RoHS requirements and Halogen Free.
2N7002HW LEIDITECH-2N7002HW Datasheet
1Mb / 6P
We declare that the material of product compliance with RoHS requirements and Halogen Free.
Rev : 01.06.2015
2V7002W LEIDITECH-2V7002W Datasheet
1Mb / 6P
We declare that the material of product compliance with RoHS requirements and Halogen Free.
Rev : 01.06.2015
DMN601WKQ LEIDITECH-DMN601WKQ Datasheet
1Mb / 6P
We declare that the material of product compliance with RoHS requirements and Halogen Free.
Rev : 01.06.2015
SN7002W LEIDITECH-SN7002W Datasheet
1Mb / 6P
We declare that the material of product compliance with RoHS requirements and Halogen Free.
Rev : 01.06.2015
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com