Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM150 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # MSM150
Description  Lead-free and compliant with the European Union RoHS Directive
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

MSM150 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  MSM150 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd MSM150 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev : 01.06.2014
2/2
www.leiditech.com
MSM150
BB
A
Cooling
Soldering
Preheating
Time(s)
120
10 to 20
30 to 90
300
260
160
250
200
150
100
50
0
Solder Reflow Recommendations
Solder Pad Layouts
A
B
C
Part number
(mm)
(mm)
(mm)
MSM150
3.45
1.78
3.15
* Recommended reflow methods: IR, Vapor phase, hot air oven.
* Devices can be cleaned using standard industry methods and
solvents.
Notes:
If reflow temperatures exceed the recommended profile, devices
may not meet the performance requirements.
Devices are not designed to be wave soldered to the bottom side
of the board.
Package Information
Tape & Reel: 2000pcs per reel.
Effectivity: Reference documents shall be the issue in effect on the
date of invitation for bid.
Caution: Operation beyond the rated voltage or current may result in
rupture electrical arcing or flame.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com