Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM150 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # MSM150
Description  Lead-free and compliant with the European Union RoHS Directive
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

MSM150 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  MSM150 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd MSM150 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MSM150
Polymer PTC Devices
Features
Small size of 1812
Lead-free and compliant with the European Union RoHS Directive
2002/95/EC
Fast tripping resettable circuit protection
Surface mount packaging for automated assembly
Agency Recognition: UL、 CSA
Dimensions
Rev
01.06.2014
1/2
www.leiditech.com
Product Dimensions (mm)
A
B
C
D
E
Part number
Max.
Max.
Max.
Min.
Min.
MSM150
4.73
3.41
1.05
0.30
0.30
Top View
Side View
Part Marking System
W
Product family
Current rating
IH
IT
Vmax
Imax
Ttrip
Pd typ
Rmin
R1max
Part number
(A)
(A)
(V)
(A)
Current(A)
Time(S)
(W)
(Ω)
(Ω)
MSM150
1.50
3.00
6
40
8.0
0.50
1.0
0.04
0.11
H
T
max
max
trip
typ
min
1max
Product Dimensions (mm)
Time(s)
120
10 to 20
30 to 90
I =Hold current: maximum current at which the device will not trip at 25 stillair.
I =Trip current: minimum current at which the device will always trip at 25 stillair.
V
=Maximum voltage device can withstand without damage at rated current.
I
=Maximum fault current device can withstand without damage at rated voltage.
T
=Maximum time to trip(s) at assigned current.
Pd =Typical power dissipation: typical amount of power dissipated by the device when in state air environment.
R
=Minimum device resistance at 25 prior to tripping.
R
=Maximum device resistance measured in the nontripped state 1 hour post reflow.


Similar Part No. - MSM150

ManufacturerPart #DatasheetDescription
logo
StarHope
MSM150 SPSEMI-MSM150 Datasheet
505Kb / 3P
Surface Mount Devices
logo
Shanghai Leiditech Elec...
MSM150-16 LEIDITECH-MSM150-16 Datasheet
654Kb / 2P
Polymer PTC Devices
More results

Similar Description - MSM150

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
SVPC PANASONICBATTERY-SVPC Datasheet
76Kb / 2P
RoHS directive Halogen-Free Compliant
logo
List of Unclassifed Man...
20SEQP22M ETC2-20SEQP22M Datasheet
81Kb / 2P
RoHS directive/Halogen-free compliant
20SVPA10M ETC2-20SVPA10M Datasheet
66Kb / 2P
RoHS directive/Halogen-free compliant
logo
Yellow Stone Corp
GPL YSTONE-GPL Datasheet
492Kb / 2P
Compliant to the RoHS directive
logo
Shanghai Leiditech Elec...
HL250-180 LEIDITECH-HL250-180 Datasheet
510Kb / 2P
Lead-free, halogen-free and compliant with the European Union RoHS Directive 2011/65/EU
LB080F LEIDITECH-LB080F Datasheet
433Kb / 2P
Lead-free and compliant with the European Union RoHS Directive 2011/65/EU
LP-MSM050 LEIDITECH-LP-MSM050 Datasheet
376Kb / 1P
Lead-free and compliant with the European Union RoHS Directive
SN250-180 LEIDITECH-SN250-180 Datasheet
293Kb / 1P
Chip devices Lead-free and compliant with the European Union RoHS Directive 2011/65/EU
ISML200 LEIDITECH-ISML200 Datasheet
472Kb / 2P
Lead-free and compliant with the European Union RoHS Directive 2011/65/EU
TSML200 LEIDITECH-TSML200 Datasheet
703Kb / 2P
Lead-free and compliant with the European Union RoHS Directive
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com