Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX7208 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMUX7208
Description  TMUX720x 44-V, Latch-Up Immune, 8:1, 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7208 Datasheet(HTML) 1 Page - Texas Instruments

  TMUX7208_V01 Datasheet HTML 1Page - Texas Instruments TMUX7208_V01 Datasheet HTML 2Page - Texas Instruments TMUX7208_V01 Datasheet HTML 3Page - Texas Instruments TMUX7208_V01 Datasheet HTML 4Page - Texas Instruments TMUX7208_V01 Datasheet HTML 5Page - Texas Instruments TMUX7208_V01 Datasheet HTML 6Page - Texas Instruments TMUX7208_V01 Datasheet HTML 7Page - Texas Instruments TMUX7208_V01 Datasheet HTML 8Page - Texas Instruments TMUX7208_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
TMUX720x 44-V, Latch-Up Immune, 8:1, 1-Channel and 4:1, 2-Channel Precision
Multiplexers with 1.8-V Logic
1 Features
• Latch-Up Immune
• Dual Supply Range: ±4.5 V to ±22 V
• Single Supply Range: 4.5 V to 44 V
• Low On-Resistance: 4 Ω
• Low Charge Injection: 3 pC
• High Current Support: 400 mA (Maximum)
(WQFN)
• High Current Support: 300 mA (Maximum)
(TSSOP)
• –40°C to +125°C Operating Temperature
• 1.8 V Logic Compatible Inputs
• Fail-Safe Logic
• Rail-to-Rail Operation
• Bidirectional Signal Path
• Break-Before-Make Switching
2 Applications
• Factory Automation and Control
• Programmable Logic Controllers (PLC)
• Analog Input Modules
• Semiconductor Test Equipment
• Battery Test Equipment
• Ultrasound Scanners
• Patient Monitoring and Diagnostics
• Optical Networking
• Optical Test Equipment
• Wired Networking
• Data Acquisition Systems (DAQ)
3 Description
The TMUX7208 is a precision 8:1, single channel
multiplexer while the TMUX7209 is a 4:1, 2 channel
multiplexer featuring low on resistance and charge
injection. The devices work with a single supply (4.5
V to 44 V), dual supplies (±4.5 V to ±22 V), or
asymmetric supplies (such as VDD = 12 V, VSS = –5
V). The TMUX720x support bidirectional analog and
digital signals onthe source (Sx) and drain (D) pins
ranging from VSS to VDD.
The TMUX720x are part of the precision switches
and multiplexers family of devices and have very
low on and off leakage currents allowing them to
be used in high precision measurement applications.
The TMUX72xx family provides latch-up immunity,
preventing undesirable high current events between
parasitic structures within the device typically caused
by overvoltage events. A latch-up condition typically
continues until the power supply rails are turned off
and can lead to device failure. The latch-up immunity
feature allows the TMUX72xx family of switches and
multiplexers to be used in harsh environments.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMUX7208
TMUX7209
TSSOP (16) (PW)
5.00 mm × 4.40 mm
WQFN (16) (RUM)
4.00 mm × 4.00 mm
(1)
See the package option addendum at the end of the data
sheet for all available packages.
SW
SW
S1
S2
D
VDD
VSS
TMUX7208
SW
S8
Logic Decoder
A0
A1
A2
EN
SW
SW
S1A
DA
TMUX7209
Logic Decoder
A0
A1
S4A
SW
SW
S1B
DB
S4B
VDD
VSS
EN
TMUX7208 and TMUX7209 Block Diagram
TMUX7208, TMUX7209
SCDS418B – JULY 2020 – REVISED APRIL 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMUX7208_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX7208 TI-TMUX7208_V02 Datasheet
3Mb / 51P
TMUX720x 44-V, Latch-Up Immune, 8:1, 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
TMUX7208 TI-TMUX7208_V03 Datasheet
3Mb / 52P
TMUX720x 44-V, Latch-Up Immune, 8:1, 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
SEPTEMBER 2021
More results

Similar Description - TMUX7208_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX7219 TI-TMUX7219 Datasheet
2Mb / 38P
TMUX7219 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
TMUX7208 TI-TMUX7208 Datasheet
2Mb / 42P
TMUX7208 44-V, Latch-Up Immune, 8:1 Precision Multiplexer with 1.8-V Logic
TMUX7219-Q1 TI-TMUX7219-Q1 Datasheet
1Mb / 31P
TMUX7219-Q1 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
TMUX7208 TI-TMUX7208_V02 Datasheet
3Mb / 51P
TMUX720x 44-V, Latch-Up Immune, 8:1, 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
TMUX7208 TI-TMUX7208_V03 Datasheet
3Mb / 52P
TMUX720x 44-V, Latch-Up Immune, 8:1, 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
SEPTEMBER 2021
TMUX7219M TI-TMUX7219M Datasheet
1Mb / 38P
TMUX7219M 44-V, Latch-Up Immune, Extended Temperature, 2:1 (SPDT) Precision Switch with 1.8-V Logic
MAY 2022
TMUX7219 TI-TMUX7219_V01 Datasheet
1Mb / 43P
TMUX7219 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
REVISED AUGUST 2022
TMUX7219 TI-TMUX7219_V02 Datasheet
2Mb / 46P
TMUX7219 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
REVISED AUGUST 2022
TMUX7201 TI-TMUX7201 Datasheet
1Mb / 39P
TMUX720x 44 V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With Latch-Up Immunity and 1.8-V Logic
REVISED MARCH 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com