Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX7208 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMUX7208
Description  TMUX720x 44-V, Latch-Up Immune, 8:1, 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7208 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMUX7208_V01 Datasheet HTML 9Page - Texas Instruments TMUX7208_V01 Datasheet HTML 10Page - Texas Instruments TMUX7208_V01 Datasheet HTML 11Page - Texas Instruments TMUX7208_V01 Datasheet HTML 12Page - Texas Instruments TMUX7208_V01 Datasheet HTML 13Page - Texas Instruments TMUX7208_V01 Datasheet HTML 14Page - Texas Instruments TMUX7208_V01 Datasheet HTML 15Page - Texas Instruments TMUX7208_V01 Datasheet HTML 16Page - Texas Instruments TMUX7208_V01 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
VDD = +20 V ± 10%, VSS = –20 V ±10%, GND = 0 V (unless otherwise noted)
Typical at VDD = +20 V, VSS = –20 V, TA = 25℃ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
CD(OFF)
Drain off
capacitance (TMUX7209)
VS = 0 V, f = 1 MHz
25°C
65
pF
CS(ON),
CD(ON)
On capacitance (TMUX7208)
VS = 0 V, f = 1 MHz
25°C
180
pF
CS(ON),
CD(ON)
On capacitance (TMUX7209)
VS = 0 V, f = 1 MHz
25°C
114
pF
www.ti.com
TMUX7208, TMUX7209
SCDS418B – JULY 2020 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMUX7208 TMUX7209



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com