Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCH032FN103CK Datasheet(PDF) 3 Page - Rohm

Part # MCH032FN103CK
Description  Multi-layer ceramic chip capacitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCH032FN103CK Datasheet(HTML) 3 Page - Rohm

  MCH032FN103CK Datasheet HTML 1Page - Rohm MCH032FN103CK Datasheet HTML 2Page - Rohm MCH032FN103CK Datasheet HTML 3Page - Rohm MCH032FN103CK Datasheet HTML 4Page - Rohm MCH032FN103CK Datasheet HTML 5Page - Rohm MCH032FN103CK Datasheet HTML 6Page - Rohm MCH032FN103CK Datasheet HTML 7Page - Rohm MCH032FN103CK Datasheet HTML 8Page - Rohm MCH032FN103CK Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MCH03
Ceramic capacitors
Rev.A
3/12
•High dielectric constant capacitors
Capacitance
(pF)
Temperature
Rated voltage (V)
CN (R) (B) (X7R) Characteristic
CN (X5R) Characteristic
25V
Product No.
100
150
220
330
470
680
1,000
1,500
2,200
4,700
10,000
0.6
± 0.03
K (
±10%)
Tolerance
Product thickness(mm)
MCH032CN101KK
MCH032CN151KK
MCH032CN221KK
MCH032CN331KK
MCH032CN471KK
MCH032CN681KK
MCH032CN102KK
MCH032CN152KK
MCH032CN222KK
16V
Product No.
MCH033CN472KK
6.3V
Product No.
MCH038CN103KK
Capacitance
(pF)
Temperature
Rated voltage (V)
FN(F) (Y5V) Characteristic
16V
Product No.
10,000
0.6
± 0.03
Z (
+80%, −20%)
Tolerance Product thickness(mm)
MCH033FN103ZK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com