Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCH032FN103CK Datasheet(PDF) 4 Page - Rohm

Part # MCH032FN103CK
Description  Multi-layer ceramic chip capacitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCH032FN103CK Datasheet(HTML) 4 Page - Rohm

  MCH032FN103CK Datasheet HTML 1Page - Rohm MCH032FN103CK Datasheet HTML 2Page - Rohm MCH032FN103CK Datasheet HTML 3Page - Rohm MCH032FN103CK Datasheet HTML 4Page - Rohm MCH032FN103CK Datasheet HTML 5Page - Rohm MCH032FN103CK Datasheet HTML 6Page - Rohm MCH032FN103CK Datasheet HTML 7Page - Rohm MCH032FN103CK Datasheet HTML 8Page - Rohm MCH032FN103CK Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MCH03
Ceramic capacitors
Rev.A
4/12
•Performance and test method
Items
Performance
Appearance and
dimensions
No marked defects shall be allowed
for appearance.
Dimensions shall be as specified the
clause 4.
Test Method
(As per JIS C 5101-1, JIS C 5101-10)
As per 4.4 of JIS C 5101-1.
As per 4.5 of JIS C 5101-10
Using a Magnifier.
As per 4.5 of JIS C 5101-1.
As per 4.6.3 of JIS C 5101-10
Measurements shall be made after
60
+/−5s period of the rated voltage
applied.
As per 4.6 of JIS C 5101-1.
As per 4.6.4 of JIS C 5101-10
Voltage shall be applied as per Table1.
As per 4.7 of JIS C 5101-1.
As per 4.6.1 of JIS C 5101-10
Measurements shall be made under the
conditions specified in Table 2.
No.
1
Withstanding voltage
No dielectrical breakdown or other
damage shall be allowed.
Capacitance shall be
within specified tolerance range.
2
Insulation resistance
3
Capacitance
4
Table 1
Charac-
teristic
Voltage
300% Rated voltage
250% Rated voltage
A, AN
CN
FN
Table 2
Voltage shall be applied for 1 to 5s with
50mA charging and discharging curent.
Not less than 10000M
Ω or
500M
Ω µF, whichever is less.
(For products with rated voltage less
than 16V, it is not less than 10000M
Ω
or 100M
Ω µF, whichever is less.)
Charac-
teristic
A, AN
CN
FN
<
− 1000 pF
> 1000 pF
1
+/−0.1MHz
1
+/−0.1Vrms.
1
+/−0.1kHz
1
+/−0.1Vrms.
1
+/−0.1kHz
1
+/−0.1Vrms.
Frequency
Voltage
Dielectric loss tangent
As per 4.8 of
JIS C 5101-1.
As per 4.6.2 of
JIS C 5101-10
Measurements shall be made under the
conditions specified in Table 2.
5
A, AN
C N
F N
<
Rated voltage=25V
tan
δ 3.0%
<
Rated voltage=16V
tan
δ 5.0%
<
Rated voltage=6.3V
tan
δ 10.0%
Rated voltage=16V
tan
δ 10.0%
<
−
−
−
<
Capacitance
30pF
tan
δ 100/(400+20C)%
<
Capacitance
30pF
tan
δ 0.1%
−
−
−
−
<
<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com