Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCH033FN103CK Datasheet(PDF) 1 Page - Rohm

Part # MCH033FN103CK
Description  Multi-layer ceramic chip capacitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCH033FN103CK Datasheet(HTML) 1 Page - Rohm

  MCH033FN103CK Datasheet HTML 1Page - Rohm MCH033FN103CK Datasheet HTML 2Page - Rohm MCH033FN103CK Datasheet HTML 3Page - Rohm MCH033FN103CK Datasheet HTML 4Page - Rohm MCH033FN103CK Datasheet HTML 5Page - Rohm MCH033FN103CK Datasheet HTML 6Page - Rohm MCH033FN103CK Datasheet HTML 7Page - Rohm MCH033FN103CK Datasheet HTML 8Page - Rohm MCH033FN103CK Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MCH03
Ceramic capacitors
Rev.A
1/12
Multi-layer ceramic chip capacitors
MCH03 (0603 (0201) size, chip capacitor)
Features
1) Ultra miniature (0.6mm
×0.3mm×0.3mm), Ultra light weight (0.3mg)
2) Suitable for mobile devices
3) Lead-free plating terminal
4) No polarity
Quick Reference
The design and specifications are subject to change without prior notice. Please check the most recent technical
specifications prior to placing orders or using the product. For more detail information regarding packaging style code,
please check product designation.
Thermal compensation
Part No.
Size code
Temperature characteristics
(ppm/
°C)
Operating temp. range
(
°C)
Rated voltage
(V)
Capacitance (pF)
Capacitance
tolerance
Thickness
(mm)
code
0
±250(CK)
0
±120(CJ)
0
±60(CH)
−55 to +125
25
0.5 to 2.7 (E12
Series) ∗
3.0 to 3.9 (E12
Series) ∗
4 to 5 (E12
Series) ∗
5.1 to 10 (E12
Series) ∗
11 to 100 (E12
Series)
C(
±0.25pF)
D
(
±0.5pF)
J(
±5%)
0.3
± 0.03
A (AN)
0603
MCH03
∗ : 0.5pF/0.75pF/2pF/3pF/4pF/5pF/6pF/7pF/8pF/9pF available
High dielectric constant
Part No.
Size code
Temperature characteristics
Operating temp. range
(
°C)
Rated voltage
(V)
Capacitance
(pF)
Capacitance
tolerance
Thickness
(mm)
code
FN
CN
±10%(B)
±15%(X5R)
±15%
(R) (X7R)
+30%,
−80%
(F)
+22%,
−82%
(Y5V)
−25 to +85
−55 to +125
−55 to +85
−25 to +85
−30 to +85
25
16
25
16
6.3
16
16
100 to 2,200 (E6 Series)
4,700 (E3 Series)
100 to 2,200 (E6 Series)
4,700 (E3 Series)
10,000 (E6 Series)
10,000 (E1 Series)
10,000 (E1 Series)
K (
±10%)
Z (
+80%, −20%)
MCH03
0603
0.3
± 0.03
External dimensions (Unit : mm)
0.6
±0.03
0.17Min.
0.1Min.
0.3
±0.03


Similar Part No. - MCH033FN103CK

ManufacturerPart #DatasheetDescription
logo
Rohm
MCH02 ROHM-MCH02 Datasheet
78Kb / 7P
Multi-layer ceramic chip capacitors
MCH022A010CK ROHM-MCH022A010CK Datasheet
78Kb / 7P
Multi-layer ceramic chip capacitors
MCH022A020CK ROHM-MCH022A020CK Datasheet
78Kb / 7P
Multi-layer ceramic chip capacitors
MCH022A030CK ROHM-MCH022A030CK Datasheet
78Kb / 7P
Multi-layer ceramic chip capacitors
MCH022A040CK ROHM-MCH022A040CK Datasheet
78Kb / 7P
Multi-layer ceramic chip capacitors
More results

Similar Description - MCH033FN103CK

ManufacturerPart #DatasheetDescription
logo
Rohm
MCH18 ROHM-MCH18 Datasheet
132Kb / 6P
Multi-layer ceramic chip capacitors
MCH02 ROHM-MCH02 Datasheet
78Kb / 7P
Multi-layer ceramic chip capacitors
MCH31 ROHM-MCH31 Datasheet
229Kb / 11P
Multi-layer ceramic chip capacitors
MCH43 ROHM-MCH43 Datasheet
156Kb / 11P
Multi-layer ceramic chip capacitors
MCH55 ROHM-MCH55 Datasheet
185Kb / 10P
Multi-layer ceramic chip capacitors
logo
Central Technologies
CTLL1608FH CT-CTLL1608FH Datasheet
482Kb / 1P
Multi-layer Chip Inductors - Ceramic
logo
SAMWHA ELECTRIC
CS0603C0G104B6R3NRA SAMWHA-CS0603C0G104B6R3NRA Datasheet
774Kb / 14P
Multi Layer Ceramic Capacitors
logo
Rohm
MCH155A151JK ROHM-MCH155A151JK Datasheet
123Kb / 10P
Multi-layer ceramic chip capacitors
MCH155A ROHM-MCH155A Datasheet
123Kb / 10P
Multi-layer ceramic chip capacitors
MCH185A221JK ROHM-MCH185A221JK Datasheet
132Kb / 10P
Multi-layer ceramic chip capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com