Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCH033FN103CK Datasheet(PDF) 7 Page - Rohm

Part # MCH033FN103CK
Description  Multi-layer ceramic chip capacitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCH033FN103CK Datasheet(HTML) 7 Page - Rohm

Back Button MCH033FN103CK Datasheet HTML 3Page - Rohm MCH033FN103CK Datasheet HTML 4Page - Rohm MCH033FN103CK Datasheet HTML 5Page - Rohm MCH033FN103CK Datasheet HTML 6Page - Rohm MCH033FN103CK Datasheet HTML 7Page - Rohm MCH033FN103CK Datasheet HTML 8Page - Rohm MCH033FN103CK Datasheet HTML 9Page - Rohm MCH033FN103CK Datasheet HTML 10Page - Rohm MCH033FN103CK Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
MCH03
Ceramic capacitors
Rev.A
7/12
Items
Performance
Humidity
(Steady)
Test Method
(As per JIS C 5101-1, JIS C 5101-10)
As per 4.22 of
JIS C 5101-1
JIS C 5101-10
Test temperature : 60
+/−2°C
Relative humidity : 90 to 95%
Test time
: 500
+24/−0 h
Initial measurements prior to test shall
be made after the voltage
pre-conditioning specified in
Remarks (2).
Final measurements have been left at
room temperature as per Table3.
As per 4.22 of JIS C 5101-1
As per 4.14 of JIS C 5101-10
Test temperature : 60
+/−2°C
Relative humidity : 90 to 95%
Voltage
: Rated voltage
Test time : 500
+24/−0 h
Initial measurements prior to test shall
be made after the voltage
pre-conditioning specified in
Remarks (2).
Final measurements shall be made after
the specimens have been left at room
temperature as per Table3.
No.
13
Humidity
life test
14
Dielectric
loss
tangent
A, AN
A, AN
F N
F N
Within
+/−12.5%
Within
+/−5.0% or
+/−0.5pF whichever
is larger.
Within
+/−25.0%
Within
+/−30.0%
Appearance
Dielectric
tangent
Insulation
resistance
Change
rate from
initial value
Without mechanical damage.
C N
C N
Less than 200% of
initial spec.
Less than 150% of
initial spec.
Less than 200% of
initial spec.
Less than 150% of
initial spec.
A, AN
A, AN
F N
F N
Within
+/−7.5% or
+/−0.75pF whichever
is larger.
Appearance
Insulation
resistance
Change
rate from
initial value
Without mechanical damage.
C N
C N
Not less than 1000M
Ω or
50M
Ω µF, whichever is less.
(For products with rated
voltage less than 16V, it is not less
than 1000M
Ω or 10MΩ µF,
whichever is less.)
Rated
voltage
25V,16V
Rated
voltage
6.3V
Table3
24
+/−2 h
48
+/−4 h
Charac-
teristic
Time
A, AN
CN, FN
Table3
24
+/−2 h
48
+/−4 h
Charac-
teristic
Time
A, AN
CN, FN
tan
δ 0.3%
<−
tan
δ 0.5%
<−
Within
+/−12.5%
Within
+/−25.0%
Within
+/−30.0%
Rated
voltage
25V,16V
Rated
voltage
6.3V
Not less than 500M
Ω or
25M
Ω µF, whichever is less.
(For products with rated voltage less
than 16V, it is not less than 500m
Ω
or 5M
Ω µF, whichever is less.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com