Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4148WN Datasheet(PDF) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # CD4148WN
Description  Switching Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

CD4148WN Datasheet(HTML) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  CD4148WN Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd CD4148WN Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd CD4148WN Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd CD4148WN Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd CD4148WN Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd CD4148WN Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5/6
Recommended Soldering Profile
Fig1: Reflow soldering profile for lead-free solder (SnAgCu)
Fig2: Wave soldering profile
*1. The recommended profiles are referring to IPC/JEDEC J-STD-020D & IEC-60068-2-58
*2. Chip diodes are able to stand maximum soldering temperature up to 260oC max for 10s, and the
soldering cycles with max 3 times, referring to IEC-60068-2-58
t/s
T/
oC
t/s
T/
oC
CD4148WN



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com