Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4148WN Datasheet(PDF) 6 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # CD4148WN
Description  Switching Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

CD4148WN Datasheet(HTML) 6 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  CD4148WN Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd CD4148WN Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd CD4148WN Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd CD4148WN Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd CD4148WN Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd CD4148WN Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6/6
Recommended Soldering Footprint:
Reflow/Wave Soldering
Dimension/ mm
Product Size
A
B
C
D
1206
3.8-4.6
2.2
0.8-1.2
1.5-1.7
Storage Condition: Product termination solderability can degrade due to high temperature and
humidity or chemical environment. Storage condition must be in an ambient temperature of <40oC
and ambient humidity of <75%RH, and free from chemical.
ENVIRONMENTAL CHARACTERISTICS
Hazardous Substance or Element/ppm
Pb
Cd
Hg
Cr6+
PBB
PBDE
Product
<1000
<100
<1000
<1000
<1000
<1000
Halogen Substance/ ppm
F
Cl
Br
I
Total
Product
<900
<900
<900
<900
<1500
PACKING METHOD
Quality/Reel
Reel Size
Tape
Product
5,000pcs
7”
Paper
DISCLAIMERS
These products are not designed for use in applications where any failure or malfunction may resulted in
personal injury, death or severe property or environmental damage such as medical, military, aircraft,
space or life support equipments.
CD4148WN
Phone: +86- 021-50828806
Email:sale1@leiditech.com
http://www.leiditech.com
SHANGHAI LEIDITECH ELECTRONICS TECHNOLOGY CO., LTD



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com