Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1A Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # GS1A
Description  1.0 AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

GS1A Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  GS1A Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd GS1A Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1.0
150
100
50
0.5
0
0
200
10.0
1.0
1.4
1.1
Pulse Width=300μs
1% Duty Cycle
.8
.1
.5
.01
INSTANEOUS FORWARD VOLTAGE,(V)
1.7
8.3ms Single Half
Sine-Wave (JEDEC
Method)
40
30
NUMBER OF CYCLES AT 60Hz
10
20
10
0
0
100
10
80
100
120
1
.1
60
0
20
40
140
FIG.1-TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.2-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.3-MAXIMUN NON-REPETITIVE
FORWARD SURGE CURRENT
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
T= 2 5 C
A
O
PERCENT OF RATED PEAK INVERSE VOLTGE
T= 2 5 C
A
O
Lead Temperature (°C)
GS1A THRU GS1M
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev :
www.leiditech.com
2/2
01.06.2015



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com