Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1A Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # GS1A
Description  1.0 AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

GS1A Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  GS1A Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd GS1A Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1.0
GS1A
to+150
@T =100
@T =125
@T =25
RRM
Classification Rating 94V-0
1.0
plastic SMA
2)
1)
For surface mounted application
2.
1.
5.0
GS1K
JA
·
200
57
GS1M
GS1J
GS1G
GS1D
GS1B
GS1A
THRU GS1M
Features
Low forward voltage drop
·
High current capability
·
High reliability
Mechanical Data
·
Case: Molded
·
Terminals: Plated leads solderable per
MIL-STD-750,Method 2026 guaranteed
·
Polarity: Color band dentes cathode end
·
Mounting Position: Any
·
Making: Type Number
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ ambient temperature unless otherwise specified
Single phase,half wave,60Hz,resistive or inductive load
For capacitive load derate current by 20%
Type Number
SYMBOL
Unit
Maximum Recurrent Peak Reverse Voltage
V
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Average Rectified Output Current
℃
A
Peak Forward Surge Current 8.3ms Single half
sine-wave superimposed on rated load (JEDEC
Method)
IFSM
30
A
Forward Voltage
@IF=1.0A
VFM
V
Peak Reverse Current
℃
IR
uA
At Rated DC Blocking Voltage
℃
Typical Junction Capacitance (Note
12
pF
Typical Thermal Resistance Junction to
Ambient(Note
Rθ
Operating Temperature Range
-55
℃
Storage Temperature Range
TSTG
-55 to +150
℃
Note:
·
·
Measured at 1.0 MHz and Applied reverse Voltage of 4.0V D.C
Resistance from Junction to Ambient at 0.375(9.5mm) lead length .
CJ
W
℃/
L
A
A
TJ
IF(AV)
Rating for fusing (t<8.3ms)
I t
3.74
A s
2
2
SMA/DO-214AC
0.103(2.62)
0.059(1.50)
0.051(1.30)
0.110(2.80)
0.094(2.40)
0.181(4.60)
0.157(4.00)
0.079(2.00)
0.060(1.52)
0.030(0.76)
0.208(5.28)
0.188(4.80)
0.012(0.31)
0.006(0.15)
Dimensions in inches and (millimeters)
0.008(0.20)
0.002(0.05)
G
1.0 AMP SURFACE MOUNT
Y RECTIFIER
LASS RECOVER
Rev :
www.leiditech.com
1/2
01.06.2015


Similar Part No. - GS1A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GS1A PANJIT-GS1A Datasheet
53Kb / 2P
SURFACE MOUNT RECTIFIER(VOLTAGE- 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Surge Components
GS1A SURGE-GS1A Datasheet
85Kb / 2P
SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 1.0 Ampere?
logo
Transys Electronics
GS1A TRSYS-GS1A Datasheet
172Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Won-Top Electronics
GS1A WTE-GS1A Datasheet
48Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Jinan Gude Electronic D...
GS1A JGD-GS1A Datasheet
149Kb / 2P
1.0 AMP. SURFACE MOUNT RECTIFIERS
More results

Similar Description - GS1A

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
RS1A FUJI-RS1A Datasheet
724Kb / 1P
1 AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
RS3A FUJI-RS3A Datasheet
718Kb / 1P
3 AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
US1A FUJI-US1A Datasheet
770Kb / 1P
1 AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
logo
Central Semiconductor C...
CPD24 CENTRAL-CPD24 Datasheet
62Kb / 1P
Fast Recovery Rectifier 1.0 Amp Glass Passivated Rectifier Chip
logo
First Components Intern...
FRS10G110G FCI-FRS10G110G Datasheet
438Kb / 2P
1.0 Amp Surface Mount Glass Fast Recovery Rectifiers
logo
SeCoS Halbleitertechnol...
SCDF103 SECOS-SCDF103_15 Datasheet
380Kb / 2P
1.0 Amp Glass Passivated Fast Recovery Rectifier
SMF101M SECOS-SMF101M_15 Datasheet
61Kb / 3P
1.0 Amp Surface Mount Fast Recovery Rectifier
logo
DIYI Electronic Technol...
G1A DYELEC-G1A Datasheet
1Mb / 2P
0.8 AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER
G1AN DYELEC-G1AN Datasheet
1Mb / 2P
0.5 AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER
GS1AN DYELEC-GS1AN Datasheet
1Mb / 2P
0.5 AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com