Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ15RF2V Datasheet(PDF) 2 Page - Sharp Corporation

Part # PQ15RF2V
Description  Low Power-Loss Voltage Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ15RF2V Datasheet(HTML) 2 Page - Sharp Corporation

  PQ15RF2V Datasheet HTML 1Page - Sharp Corporation PQ15RF2V Datasheet HTML 2Page - Sharp Corporation PQ15RF2V Datasheet HTML 3Page - Sharp Corporation PQ15RF2V Datasheet HTML 4Page - Sharp Corporation PQ15RF2V Datasheet HTML 5Page - Sharp Corporation PQ15RF2V Datasheet HTML 6Page - Sharp Corporation PQ15RF2V Datasheet HTML 7Page - Sharp Corporation PQ15RF2V Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
242
Low Power-Loss Voltage Regulators
PQ05RF2/PQ05RF21/PQ05RF2V Series
Parameter
Symbol
Rating
Unit
VIN
VC
IO
PD1
PD2
Tj
Topr
Tstg
Tsol
35
35
2
1.5
18
150
–20 to +80
–40 to +150
260 (For 10s)
V
V
A
W
W
˚C
˚C
˚C
˚C
Input voltage
ON/OFF control terminal voltage
Output current
Power dissipation(No heat sink)
Power dissipation(With infinite heat sink)
Junction temperature
Operating temperature
Storage temperature
Soldering temperature
❇1
❇1
❇2
❇1 All are open except GND and applicable terminals.
❇2 Overheat protection may operate at 125<=Tj<=150˚C.
s Absolute Maximum Ratings
(Ta=25˚C)
PQ05RF2 series
PQ05RF21 series
Parameter
Symbol
Conditions
VO
RegL
RegI
TcVo
RR
Vi-o
VC(ON)
IC(ON)
VC(OFF)
IC(OFF)
Iq
VO(ADJ)
Output voltage
Load regulation
Line regulation
Temperature coefficient of output voltage
Ripple rejection
Dropout voltage
ON-state voltage for control
ON-state current for current
OFF-state voltage for control
OFF-state current for control
Quiescent current
Output voltage
minute adjustment
range
Unit
MAX.
TYP.
MIN.
4.75
8.55
11.4
14.25
4.88
8.78
11.7
14.63
−
−
−
45
55
−
2.0 ❇6
−
−
−
−
4.5
8.1
10.8
13.5
−
IO=5mA to 2A
❇4
Tj=0 to 125˚C
IO=0.5A Refer to Fig.2
❇5, IO=2A
−
VC=2.7V
−
VC=0.4V
IO=0
−
5.0
9.0
12.0
15.0
5.0
9.0
12.0
15.0
0.5
0.5
±0.02
55
−
−
−
−
−
−
−
5.0
9.0
12.0
15.0
5.25
9.45
12.6
15.75
5.12
9.22
12.3
15.37
2.0
2.5
−
−
−
0.5
−
20
0.8
–0.4
10
5.5
9.9
13.2
16.5
V
%
%
%/˚C
dB
dB
V
V
µA
V
mA
mA
V
s Electrical Characteristics
❇3 PQ05RF2 Series: VIN=7V, PQ09RF2 Series: VIN=15V, PQ12RF2 Series:VIN=18V, PQ15RF2 Series: VIN=23V
❇4 PQ05RF2/PQ05RF21/PQ05RF2V: VIN=6 to 12V
PQ09RF2/PQ09RF21/PQ09RF2V: VIN=10 to 25V
PQ12RF2/PQ12RF21/PQ12RF2V: VIN=13 to 29V
PQ15RF2/PQ15RF21/PQ15RF2V: VIN=16 to 32V
❇5 Input voltage shall be the value when output voltage is 95% in comparison with the initial value.
❇6 In case of opening control terminal ➃, output voltage turns on.(PQ05RF2/PQ05RF21 Series)
(Unless otherwise specified, condition shall be Io=1A, Ta=25˚C, ❇3)
PQ05RF2/PQ05RF2V
PQ09RF2/PQ09RF2V
PQ12RF2/PQ12RF2V
PQ15RF2/PQ15RF2V
PQ05RF21
PQ09RF21
PQ12RF21
PQ15RF21
PQ05RF2/PQ05RF21Series
PQ05RF2VSeries
PQ05RF2/PQ05RF21Series
PQ05RF2/PQ05RF21Series
PQ05RF2/PQ05RF21Series
PQ05RF2/PQ05RF21Series
PQ05RF2V
PQ09RF2V
PQ12RF2V
PQ15RF2V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com