Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ15RF2V Datasheet(PDF) 1 Page - Sharp Corporation

Part # PQ15RF2V
Description  Low Power-Loss Voltage Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ15RF2V Datasheet(HTML) 1 Page - Sharp Corporation

  PQ15RF2V Datasheet HTML 1Page - Sharp Corporation PQ15RF2V Datasheet HTML 2Page - Sharp Corporation PQ15RF2V Datasheet HTML 3Page - Sharp Corporation PQ15RF2V Datasheet HTML 4Page - Sharp Corporation PQ15RF2V Datasheet HTML 5Page - Sharp Corporation PQ15RF2V Datasheet HTML 6Page - Sharp Corporation PQ15RF2V Datasheet HTML 7Page - Sharp Corporation PQ15RF2V Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
241
Low Power-Loss Voltage Regulators
PQ05RF2/PQ05RF21/PQ05RF2V Series
1
2
–
+
4
3
Reference
voltage
generation
circuit
Output
ON/OFF
control circuit
Overheat
protection
circuit
PQ05RF2series/PQ05RF21series
1
2
4
–
+
3
Reference
voltage
generation
circuit
❇ASO
protection
circuit
Overheat
protection
circuit
PQ05RF2Vseries
❇ASO : Area of Safety
Operation
❇ASO
protection
circuit
PQ05RF2/21/2V Series
s Outline Dimensions
(Unit : mm)
2A Output, Low Power-Loss Voltage Regulators
s Features
q
Low power-loss(Dropout voltage: MAX. 0.5V)
q
Compact resin full-mold package.
q
Built-in ON/OFF control terminal(PQ05RF2/PQ05RF21
series)
q
Built-in output voltage minute adjustment terminal(ripple
rejection is improved)(PQ05RF2V series)
PQ05RF2
PQ05RF21
PQ05RF2V
Output voltage
precision:
±5%
Output voltage
precision:
±2.5%
Minute adjustment
(Output voltage
adjustment range:
±10%)
s Model Line-ups
5V Output
PQ09RF2
PQ09RF21
PQ09RF2V
9V Output
PQ12RF2
PQ12RF21
PQ12RF2V
12V Output
PQ15RF2
PQ15RF21
PQ15RF2V
15V Output
Output voltage
s Applications
q
Series power supply for various electronic equipment such as
VCRs, electronic munic instruments
PQ05RF2
Internal connection diagram
Specific IC
PQ05RF2/21series
➀ DC input(VIN)
➁ DC output(VO)
➂ GND
➃ ON/OFF control
terminal(VC)
PQ05RF2Vseries
➀ DC input(VIN)
➁ DC output(VO)
➂ GND
➃ Output voltage
minute
adjustment
terminal(VADJ)
10.2MAX
ø3.2
±0.1
+0.3
–0
4–1.4
+0.2
–0.1
4–0.6
3–(2.54)
4.5
±0.2
2.8
±0.2
(1.5)
(0.5)
➀➁ ➂ ➃
➀➁
➂
➃
s Equivalent Circuit Diagram
•Please refer to the chapter " Handling Precautions ".
Notice
In the absence of confirmation by device specification sheets,SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs,data books,etc.Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
Internet Internet address for Electronic Components Group http://sharp-world.com/ecg/


Similar Part No. - PQ15RF2V

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ15RF2V SHARP-PQ15RF2V Datasheet
96Kb / 9P
2A Output, Low Power-Loss Voltage Regulators
More results

Similar Description - PQ15RF2V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6545 PANASONIC-AN6545 Datasheet
27Kb / 3P
Low Power Loss Voltage Regulators
logo
List of Unclassifed Man...
L1481T-5 ETC-L1481T-5 Datasheet
280Kb / 6P
Low Power-Loss Voltage Regulators
logo
Sharp Corporation
PQ30RV1 SHARP-PQ30RV1_01 Datasheet
93Kb / 9P
Low Power-Loss Voltage Regulators
PQXXXEH01ZXH SHARP-PQXXXEH01ZXH Datasheet
188Kb / 6P
Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEH02ZXH SHARP-PQXXXEH02ZXH Datasheet
237Kb / 6P
Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEZ1HZXH SHARP-PQXXXEZ1HZXH Datasheet
205Kb / 8P
Low Voltage Operation Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
R15LD10 UTC-R15LD10_10 Datasheet
439Kb / 10P
LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
Sharp Corporation
PQ07VZ012Z SHARP-PQ07VZ012Z Datasheet
68Kb / 6P
Low Power-Loss Voltage Regulators
PQ15RW11J00H SHARP-PQ15RW11J00H Datasheet
76Kb / 4P
Low Power-Loss Voltage Regulators
logo
E-Tech Electronics LTD
RXXLD10 ETL-RXXLD10 Datasheet
439Kb / 10P
LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com