Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM7828PR Datasheet(PDF) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM7828PR
Description  0.5A Low Power LDO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM7828PR Datasheet(HTML) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM7828PR Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7828PR Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7828PR Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7828PR Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7828PR Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7828PR Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7828PR Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7828PR Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7828PR Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Features
Low voltage drop: 0.26V@100mA
&VOUT=3.3V
High input voltage: 15V
Low temperature coefficient
Large Output Current: 500mA
Low Quiescent Current: 2.0uA
Output voltage accuracy: tolerance ±2%
Built-in current limiter
SOT89,SOT89-5,SOT23-3 and SOT23-5
packages
Applications
Battery-powered equipment
Hand-Hold Equipment
GPS Receivers
Wireless LAN
General Description
The
series is a group of positive voltage
output, three-pin regulators, it provide a high
current
even
when
the
input/output
voltage
differential is small. Low power consumption and
high accuracy is achieved through CMOS and
laser trimming technologies.
The
consists of a high-precision voltage
reference, an error amplification circuit, and a
current limited output driver. Load Transient
response has improved in comparison to the
existing series. SOT89, SOT89-5,SOT23-3 and
SOT23-5 packages are available.
Selection Table
Part No.
Output Voltage
Package
Marking
2.8V
SOT89
SOT89-5
SOT23-3
SOT23-5
Refer to Marking rule
3.0V
3.3V
3.6V
4.0V
4.5V
5.0V
Order Information
①②③④⑤
Designator
Symbol
Description
① ②
Integer
Output Voltage(1.8~5.0V)
③
M
Standard
④
P
Package:SOT89
P5
Package:SOT89-5
M
Package:SOT23-3
M5
Package:SOT23-5
M5B
Package:SOT23-5B
⑤
R
RoHS / Pb Free
G
Halogen Free
Note:”①②” stands for output voltages. Other voltages can be specially customized
1
HM78XX
0.5A Low Power LDO


Similar Part No. - HM7828PR

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM7820100LFTR BITECH-HM7820100LFTR Datasheet
845Kb / 3P
Shielded Surface Mount Inductors
HM7820120LFTR BITECH-HM7820120LFTR Datasheet
845Kb / 3P
Shielded Surface Mount Inductors
HM7820150LFTR BITECH-HM7820150LFTR Datasheet
845Kb / 3P
Shielded Surface Mount Inductors
HM7820180LFTR BITECH-HM7820180LFTR Datasheet
845Kb / 3P
Shielded Surface Mount Inductors
HM7820220LFTR BITECH-HM7820220LFTR Datasheet
845Kb / 3P
Shielded Surface Mount Inductors
More results

Similar Description - HM7828PR

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1087 HOLTEK-HT1087 Datasheet
140Kb / 13P
0.5A General Purpose LDO
October 5, 2007
logo
Rohm
BD00HA5MEFJ-M ROHM-BD00HA5MEFJ-M Datasheet
710Kb / 24P
Automotive 0.5A Variable Output LDO Regulator
BD00GA5MEFJ-ME2 ROHM-BD00GA5MEFJ-ME2 Datasheet
719Kb / 24P
Automotive 0.5A Variable Output LDO Regulator
BD00GA5MEFJ-LB ROHM-BD00GA5MEFJ-LB Datasheet
901Kb / 24P
0.5A Variable Output Industrial LDO Regulator
BD00HA5MEFJ-LB ROHM-BD00HA5MEFJ-LB Datasheet
892Kb / 24P
0.5A Variable Output Industrial LDO Regulator
BD00IA5MEFJ-LB ROHM-BD00IA5MEFJ-LB Datasheet
774Kb / 24P
0.5A Variable Output Industrial LDO Regulator
BD00IA5MHFV-M ROHM-BD00IA5MHFV-M Datasheet
2Mb / 31P
Automotive 0.5A Variable Output LDO Regulator
BDXXGA5MEFJ-M ROHM-BDXXGA5MEFJ-M Datasheet
1Mb / 24P
Automotive 0.5A Variable Output LDO Regulator
2021.10.11 Rev.002
BDXXHA5MEFJ-M ROHM-BDXXHA5MEFJ-M Datasheet
1Mb / 24P
Automotive 0.5A Variable Output LDO Regulator
2021.10.11 Rev.002
BDXXIA5MEFJ-M ROHM-BDXXIA5MEFJ-M Datasheet
949Kb / 24P
Automotive 0.5A Variable Output LDO Regulator
2021.10.11 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com