Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM7828PR Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM7828PR
Description  0.5A Low Power LDO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM7828PR Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM7828PR Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7828PR Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7828PR Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7828PR Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7828PR Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7828PR Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7828PR Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7828PR Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7828PR Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Pin Assignment
Mark
1 2 3
5
4
1
2
3
Mark
Table1:
MR series (SOT23-3 PKG)
PIN NO.
PIN NAME
FUNCTION
1
GND
GND pin
2
VIN
Input voltage pin
3
VOUT
Output voltage pin
Table2:
M5R/
M5BR series (SOT23-5 PKG)
PIN NO.
PIN NAME
FUNCTION
SOT23-5
Sot23-5B
1
2
VIN
Input voltage pin
2
1
GND
GND pin
3
3
CE
Enable pin
4
4
NC
--
5
5
VOUT
Output voltage pin
Table3:
PR series (SOT89 PKG)
PIN NO.
PIN NAME
FUNCTION
1
GND
GND pin
2
VIN
Input voltage pin
3
VOUT
Output voltage pin
1
2
3
Mark
5
4
Table4:
XXP5R series (SOT89-5 PKG)
PIN NO.
PIN NAME
FUNCTION
1
CE
Enable pin
2
VIN
Input voltage pin
3
NC
--
4
GND
GND pin
5
VOUT
Output voltage pin
Mark
1
3
2
SOT23-3 (Top View)
SOT23-5 (Top View)
SOT89 (Top View)
SOT89-5 (Top View)
3
HM78XX
0.5A Low Power LDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com