Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M6DXF3 Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # M6DXF3
Description  Euro Terminal Ultra-Slim Signal Conditioners M6D Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M6DXF3 Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  M6DXF3 Datasheet HTML 1Page - M-System Co.,Ltd. M6DXF3 Datasheet HTML 2Page - M-System Co.,Ltd. M6DXF3 Datasheet HTML 3Page - M-System Co.,Ltd. M6DXF3 Datasheet HTML 4Page - M-System Co.,Ltd. M6DXF3 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: M6DXF3
M6DXF3 SPECIFICATIONS
ES-7849 Rev.4 Page 4/5
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
5.9 (.23)
DIN RAIL HOOK
102 (4.02)
[0.5 (.02)]
8–M3
EURO TERMINAL
DIN RAIL
35mm wide
5
6
7
8
1
2
3
4
• When mounting, no extra space is needed between units.
WIRE INSERTION ANGLE: approx. 7°
SCREWDRIVER
INSERTION ANGLE
: approx. 40°
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
+
–
+
–
+
–
CONFIGURATOR
OUTPUT
7
8
1
2
5
6
POWER
CONTROL
JACK
Digital
Computation
INPUT
3
4
3 kΩ
+3 V
POWER
POWER LED
Isolation
Low Drift
Amplifier
Output
Driver
DIP SW
24.9 Ω
STATUS
IND. LED



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com