Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M6DXF3 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M6DXF3
Description  Euro Terminal Ultra-Slim Signal Conditioners M6D Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M6DXF3 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M6DXF3 Datasheet HTML 1Page - M-System Co.,Ltd. M6DXF3 Datasheet HTML 2Page - M-System Co.,Ltd. M6DXF3 Datasheet HTML 3Page - M-System Co.,Ltd. M6DXF3 Datasheet HTML 4Page - M-System Co.,Ltd. M6DXF3 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: M6DXF3
M6DXF3 SPECIFICATIONS
ES-7849 Rev.4 Page 1/5
http://www.m-system.co.jp/
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
HOLD FUNCTION MODULE
(PC programmable)
Functions & Features
• Track/Hold or Peak hold function’s selection available
• 5.9-mm wide ultra-slim design with DC current signal
input
• Low profile allows the M6D module to be mounted in a
120-mm deep panel
• PC programmable
• High-density mounting available
• Power and status indicator LEDs
Typical Applications
• Monitoring peak power consumption
• Monitoring the highest or lowest temperature
• Capturing signals from a composite analyzer performing
on each sample in turn
5.9 (.23)
94
(3.70)
102
(4.02)
mm (inch)
MODEL: M6DXF3–[1][2]–R[3]
ORDERING INFORMATION
• Code number: M6DXF3-[1][2]-R[3]
Specify a code from below for each [1] through [3].
(e.g. M6DXF3-Z1Z1-R/Q)
• Input range (e.g. 4 – 20 mA DC)
• Output range (e.g. 4 – 20 mA DC)
• Specify the specification for option code /Q
(e.g. /C01)
[1] INPUT
Current
Z1: Range 0 – 50 mA DC (Input resistance 24.9 Ω)
Voltage
S1: Range -1000 – +1000 mV DC (Input resistance 1 MΩ min.)
S2: Range -10 – +10 V DC (Input resistance 1 MΩ min.)
(Configurator software is used to change input over the
described range of the selected suffix code.
For changing between suffix codes, set the Input Range
Selector on the side of unit before software adjustment.)
[2] OUTPUT
Current
Z1: Range 0 – 20 mA DC
Voltage
V2: Range -10 – +10 V DC
V3: Range -5 – +5 V DC
(Configurator software is used to change output over the
described range of the selected suffix code.
For changing between suffix codes, set the Output Range
Selector on the side of unit before software adjustment.)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[3] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
FUNCTIONS
PC Configurator Software is used to change function type.
• Track/Hold
• Peak hold
Peak hold
Valley hold
Peak-to-peak hold (Peak hold-Valley hold)
Factory default setting
Control/Hold: Track/Hold
Control/Control Logic: Hold at open
RELATED PRODUCTS
• PC configurator software (model: M6CFG)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.


Similar Part No. - M6DXF3

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M6DXF1 MSYSTEM-M6DXF1 Datasheet
175Kb / 6P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DXF1-S1V2-R MSYSTEM-M6DXF1-S1V2-R Datasheet
175Kb / 6P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DXF1-S1V2-R/Q MSYSTEM-M6DXF1-S1V2-R/Q Datasheet
175Kb / 6P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DXF1-S1V2-R/UL MSYSTEM-M6DXF1-S1V2-R/UL Datasheet
175Kb / 6P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DXF1-S1V3-R MSYSTEM-M6DXF1-S1V3-R Datasheet
175Kb / 6P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
More results

Similar Description - M6DXF3

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M6DBS MSYSTEM-M6DBS Datasheet
268Kb / 5P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DCTC MSYSTEM-M6DCTC Datasheet
117Kb / 4P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DPS1 MSYSTEM-M6DPS1 Datasheet
111Kb / 3P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DPS2 MSYSTEM-M6DPS2 Datasheet
111Kb / 3P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DVF MSYSTEM-M6DVF Datasheet
115Kb / 3P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DWVS MSYSTEM-M6DWVS Datasheet
122Kb / 4P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DXAP MSYSTEM-M6DXAP Datasheet
136Kb / 4P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DXM MSYSTEM-M6DXM Datasheet
132Kb / 4P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DXR MSYSTEM-M6DXR Datasheet
135Kb / 4P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DYV MSYSTEM-M6DYV Datasheet
119Kb / 3P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com