Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN83C171 Datasheet(PDF) 39 Page - SMSC Corporation

Part # LAN83C171
Description  EPIC/XF ACPI/PC 97 Compliant Integrated PCI 10/100 Mbps Fast Ethernet Controller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN83C171 Datasheet(HTML) 39 Page - SMSC Corporation

Back Button LAN83C171 Datasheet HTML 35Page - SMSC Corporation LAN83C171 Datasheet HTML 36Page - SMSC Corporation LAN83C171 Datasheet HTML 37Page - SMSC Corporation LAN83C171 Datasheet HTML 38Page - SMSC Corporation LAN83C171 Datasheet HTML 39Page - SMSC Corporation LAN83C171 Datasheet HTML 40Page - SMSC Corporation LAN83C171 Datasheet HTML 41Page - SMSC Corporation LAN83C171 Datasheet HTML 42Page - SMSC Corporation LAN83C171 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 90 page
background image
39
DMA DESCRIPTOR BITS DESCRIPTION
TRANSMIT DMA DESCRIPTOR BITS DESCRIPTION
The following diagram shows the format of the transmit descriptor table:
31
0
TX LENGTH
TX STATUS
dword 0
BUFFER ADDRESS
dword 1
CONTROL
BUF LENGTH
dword 2
NEXT DESCRIPTOR ADDRESS
dword 3
DWORD 0 - STATUS/LENGTH Bit Number
Description
31 through 16: Transmit Length
15 - OWNER: Descriptor ownership bit - set
to 0 when the host owns the descriptor, 1
when the NIC owns the descriptor.
14 and 13 - Reserved.
12 through 8 -
COLLISION COUNT: These
bits contain the number of collisions detected
while
attempting
to
transmit
the
current
packet. Bit 12 also indicates transmit abort
for excessive collisions.
7 -
DEFERRING: This bit is set when the
interframe gap state machine is deferring. If
the PHY has asserted the collision line as a
result of jabber, this bit will stay set indicating
the jabber condition. Otherwise, returns 0.
6 - OUT OF WINDOW COLLISION: This bit is
set if a collision is detected more than one slot
time
after
the
start
of
transmission.
Transmission
is
aborted
under
these
conditions.
5 - COLLISION DETECT HEARTBEAT: This bit is
set to a '1' during transmission of each packet. It
is set to '0' if a collision is detected within 36 bit
times of the end of each packet transmission. If
no collision is detected within this window, it
remains '1'.
This bit always returns zero in full
duplex mode.
4 - UNDERRUN: This bit is set when the transmit
DMA is unable to supply the transmitter enough
data to maintain frame transmission. Otherwise,
returns 0.
3 - CARRIER SENSE LOST: This bit is set if the
carrier is lost during packet transmission. Carrier
sense is monitored from its rising edge at the start
of the outgoing frame's echo. Transmission is not
aborted upon loss of carrier. This bit will always
return zero in full duplex mode.
2 - TRANSMITTED WITH COLLISIONS:
When
set, this bit indicates the frame collided at least
once with another frame on the network. It is not
set
for
either
out-of-window
collisions
or
excessive collision aborts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com