Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN83C171 Datasheet (PDF) - SMSC Corporation

LAN83C171 Datasheet PDF - SMSC Corporation
Part # LAN83C171
Download  LAN83C171 Download
File Size   348.39 Kbytes
Page   90 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description EPIC/XF ACPI/PC 97 Compliant Integrated PCI 10/100 Mbps Fast Ethernet Controller

LAN83C171 Datasheet (PDF)

Go To PDF Page Download Datasheet
LAN83C171 Datasheet PDF - SMSC Corporation

Part # LAN83C171
Download  LAN83C171 Click to download

File Size   348.39 Kbytes
Page   90 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description EPIC/XF ACPI/PC 97 Compliant Integrated PCI 10/100 Mbps Fast Ethernet Controller

LAN83C171 Datasheet (HTML) - SMSC Corporation


LAN83C171 Product details

GENERAL DESCRIPTION
The LAN83C171 EPIC/XF is a high-performance and a low CPU utilization Ethernet network controller designed to interface directly to the PCI Local Bus on one side and to the 802.3 standard Media Independent Interface (MII) on the other side. The network interface can also be configured to communicate directly with the LAN83C694 10BASE-T transceiver.

FEATURES
• IEEE 802.3 Compatible 10/100 Mbps Fast Ethernet Controller
• Fully Compliant Glueless PCI Version 2.1 Bus Interface
• Support Included for CardBus Status Registers
• PCI Universal 3V/5V Output Drives
• Preemptive Interrupt Support for Efficient Network Packet Processing
• High Performance Two Channel Bus Master (132 Mbps)
• Scatter/Gather DMA Capability
• Programmable Burst Length Counter
• ACPI Compliant for
    - PCI Bus Class Specification
    - Network Device Class Specification
• PC 97 Compliant
• Wake-Up on Magic PacketTM Detection and/or Network Link-Down Occurrence
• Special Low Power State Mode For Scanning Magic PacketsTM Upon PCI Bus Power Loss
• Supports Chaining of Transmit Packets
• Optional Early Transmit and Early Receive
• Optional Receive Lookahead Buffering Mode
• Automatic Rejection of Runt Packets
• Automatic Retransmission of Collision Frames from Internal Buffer
• Automatic Padding of Short Frames
• 4.5 Kbyte On-Chip Receive Buffer and 1.5 Kbyte On-Chip Transmit Buffer Eliminate Bus Latency Issues
• Optional Variable Depth, 32 Bit Wide External Receive Buffer (0, 16, 32 or 128 Kbytes)
• Big or Little Endian Byte Ordering
• Capable of Supporting 64 Kbyte Expansion Boot Flash RAM
• IEEE Standard MII Interface to Physical Layer
• Interface to LAN83C694 - Shares MII Pins
• Serial MII Management Interface
• Serial EEPROM Interface for Storage of LAN Address and Configuration Information
• On-Chip Clock Multiplier
• Low Power Sleep Mode
• Support for Full Duplex Ethernet
• Internal and External Loopback Diagnostic Functions
• Simple I/O Pin Mapping Scheme to Facilitate In-Circuit Test
• Single 5V Power Supply
• 208 Pin QFP Package
• Software Drivers to Operate with Major Operating Systems, Including:
    - NDIS 3.4 and 5 for Microsoft
    - DOS ODI for Novell




Similar Part No. - LAN83C171

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN83C175 SMSC-LAN83C175 Datasheet
336Kb / 92P
Ethernet CARDBUS Integrated Controller With Modem Support
More results


Similar Description - LAN83C171

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE10 STMICROELECTRONICS-STE10 Datasheet
403Kb / 66P
PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
Rev. 2.2
logo
Advanced Micro Devices
AM79C971 AMD-AM79C971 Datasheet
3Mb / 265P
PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
AM79C972 AMD-AM79C972 Datasheet
1Mb / 130P
PCnet??FAST Enhanced 10/100 Mbps PCI Ethernet Controller with OnNow Support
AM79C973 AMD-AM79C973 Datasheet
2Mb / 304P
PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
AM79C976 AMD-AM79C976 Datasheet
2Mb / 309P
PCnet-PRO??10/100 Mbps PCI Ethernet Controller
logo
STMicroelectronics
STE10A STMICROELECTRONICS-STE10A Datasheet
795Kb / 82P
PCI 10/100 Ethernet controller with integrated PHY (3.3V)
28-Feb-2007
logo
Silan Microelectronics ...
SC92031 SILAN-SC92031 Datasheet
476Kb / 38P
10/100 MBPS INTEGRATED PCI ETHERNET MEDIA ACCESS CONTROLLER AND PHYSICAL LAYER
logo
Davicom Semiconductor, ...
DM9103 DAVICOM-DM9103 Datasheet
629Kb / 89P
10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface
DM9106 DAVICOM-DM9106 Datasheet
547Kb / 92P
10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface
logo
Texas Instruments
DP83816 TI1-DP83816 Datasheet
1Mb / 112P
10/100 Mb/s Integrated PCI Ethernet Media Access Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com