| Electronic Components Datasheet Search |
|
PRT2011CVL5A Datasheet(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PRT2011CVL5A Datasheet(HTML) 9 Page - NXP Semiconductors |
|
9 / 112 page ![]() Modules List i.MX RT1064 Crossover Processors Data Sheet for Consumer Products, Rev. 2, 08/2020 NXP Semiconductors 9 3 Modules List The i.MX RT1064 processors contain a variety of digital and analog modules. Table 2 describes these modules in alphabetical order. Table 2. i.MX RT1064 modules list Block Mnemonic Block Name Subsystem Brief Description ACMP1 ACMP2 ACMP3 ACMP4 Analog Comparator Analog The comparator (CMP) provides a circuit for comparing two analog input voltages. The comparator circuit is designed to operate across the full range of the supply voltage (rail-to-rail operation). ADC1 ADC2 Analog to Digital Converter Analog The ADC is a 12-bit general purpose analog to digital converter. AOI And-Or-Inverter Cross Trigger The AOI provides a universal boolean function generator using a four team sum of products expression with each product term containing true or complement values of the four selected inputs (A, B, C, D). Arm Arm Platform Arm The Arm Core Platform includes one Cortex-M7 core. It includes associated sub-blocks, such as Nested Vectored Interrupt Controller (NVIC), Floating-Point Unit (FPU), Memory Protection Unit (MPU), and CoreSight debug modules. BEE Bus Encryption Engine Security On-The-Fly FlexSPI Flash Decryption CCM GPC SRC Clock Control Module, General Power Controller, System Reset Controller Clocks, Resets, and Power Control These modules are responsible for clock and reset distribution in the system, and also for the system power management. CSI Parallel CSI Multimedia Peripherals The CSI IP provides parallel CSI standard camera interface port. The CSI parallel data ports are up to 24 bits. It is designed to support 24-bit RGB888/YUV444, CCIR656 video interface, 8-bit YCbCr, YUV or RGB, and 8-bit/10-bit/16-bit Bayer data input. CSU Central Security Unit Security The Central Security Unit (CSU) is responsible for setting comprehensive security policy within the i.MX RT1064 platform. DAP Debug Access Port System Control Peripherals The DAP provides real-time access for the debugger without halting the core to: • System memory and peripheral registers • All debug configuration registers The DAP also provides debugger access to JTAG scan chains. The DAP module is internal to the Cortex-M7 Core Platform. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |