Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRT2011CVL5A Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PRT2011CVL5A
Description  i.MX RT1064 Crossover Processors Data Sheet for Consumer Products
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PRT2011CVL5A Datasheet(HTML) 1 Page - NXP Semiconductors

  PRT2011CVL5A Datasheet HTML 1Page - NXP Semiconductors PRT2011CVL5A Datasheet HTML 2Page - NXP Semiconductors PRT2011CVL5A Datasheet HTML 3Page - NXP Semiconductors PRT2011CVL5A Datasheet HTML 4Page - NXP Semiconductors PRT2011CVL5A Datasheet HTML 5Page - NXP Semiconductors PRT2011CVL5A Datasheet HTML 6Page - NXP Semiconductors PRT2011CVL5A Datasheet HTML 7Page - NXP Semiconductors PRT2011CVL5A Datasheet HTML 8Page - NXP Semiconductors PRT2011CVL5A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 112 page
background image
NXP Semiconductors
Data Sheet: Technical Data
Document Number: IMXRT1064CEC
Rev. 2, 08/2020
MIMXRT1064DVL6A
MIMXRT1064DVL6B
MIMXRT1064DVJ6A
MIMXRT1064DVJ6B
Package Information
Plastic Package
196-pin MAPBGA, 10 x 10 mm, 0.65 mm pitch
196-pin MAPBGA, 12 x 12 mm, 0.8 mm pitch
Ordering Information
See Table 1 on page 6
NXP reserves the right to change the production detail specifications as may be required
to permit improvements in the design of its products.
1
i.MX RT1064 Introduction
The i.MX RT1064 is a new processor family featuring
NXP’s advanced implementation of the Arm
Cortex®-M7 core, which operates at speeds up to 600
MHz to provide high CPU performance and best
real-time response.
The i.MX RT1064 processor has 4 MB on chip Flash and
1 MB on-chip RAM. 512 KB SRAM can be flexibly
configured as TCM or general-purpose on-chip RAM,
while the other 512 KB SRAM is general-purpose
on-chip RAM. The i.MX RT1064 integrates advanced
power management module with DCDC and LDO that
reduces complexity of external power supply and
simplifies power sequencing. The i.MX RT1064 also
provides various memory interfaces, including SDRAM,
RAW NAND FLASH, NOR FLASH, SD/eMMC, Quad
SPI, and a wide range of other interfaces for connecting
peripherals, such as WLAN, Bluetooth™, GPS,
displays, and camera sensors. The i.MX RT1064 has rich
audio and video features, including LCD display, basic
2D graphics, camera interface, SPDIF, and I2S audio
i.MX RT1064 Crossover
Processors Data Sheet
for Consumer Products
1. i.MX RT1064 Introduction . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1. Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
1.2. Ordering information . . . . . . . . . . . . . . . . . . . . . . . 6
2. Architectural Overview . . . . . . . . . . . . . . . . . . . . . . . . . . 8
2.1. Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
3. Modules List . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
3.1. Special signal considerations . . . . . . . . . . . . . . . 16
3.2. Recommended connections for unused analog
interfaces . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
4. Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 19
4.1. Chip-Level conditions . . . . . . . . . . . . . . . . . . . . . 19
4.2. System power and clocks . . . . . . . . . . . . . . . . . . 26
4.3. I/O parameters . . . . . . . . . . . . . . . . . . . . . . . . . . 31
4.4. System modules . . . . . . . . . . . . . . . . . . . . . . . . . 38
4.5. External memory interface . . . . . . . . . . . . . . . . . 43
4.6. Display and graphics . . . . . . . . . . . . . . . . . . . . . . 53
4.7. Audio . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56
4.8. Analog . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59
4.9. Communication interfaces . . . . . . . . . . . . . . . . . . 66
4.10. Timers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 79
5. Flash . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 81
6. Boot mode configuration . . . . . . . . . . . . . . . . . . . . . . . . 82
6.1. Boot mode configuration pins . . . . . . . . . . . . . . . 82
6.2. Boot device interface allocation . . . . . . . . . . . . . . 82
7. Package information and contact assignments . . . . . . . 87
7.1. 10 x 10 mm package information . . . . . . . . . . . . 87
7.2. 12 x 12 mm package information . . . . . . . . . . . . 99
8. Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 111


Similar Part No. - PRT2011CVL5A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PRT2011CVL5A NXP-PRT2011CVL5A Datasheet
1Mb / 113P
i.MX RT1064 Crossover Processors for Industrial Products
More results

Similar Description - PRT2011CVL5A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMXRT1060CEC NXP-IMXRT1060CEC Datasheet
1Mb / 111P
i.MX RT1060 Crossover Processors for Consumer Products
Rev. 0.2, 02/2020
IMXRT1024CEC NXP-IMXRT1024CEC Datasheet
1Mb / 90P
i.MX RT1024 Crossover Processors Data Sheet for Consumer Products
Rev. 0, 11/2020
IMXRT1064IEC NXP-IMXRT1064IEC Datasheet
1Mb / 113P
i.MX RT1064 Crossover Processors for Industrial Products
IMXRT1010CEC NXP-IMXRT1010CEC Datasheet
1Mb / 65P
i.MX RT1010 Crossover Processors Data Sheet for Consumer Products
Rev. 0, 09/2019
IMXRT1015CEC NXP-IMXRT1015CEC Datasheet
1Mb / 71P
i.MX RT1015 Crossover Processors Data Sheet for Consumer Products
Rev. 2, 03/2021
IMXRT1160CEC NXP-IMXRT1160CEC Datasheet
1Mb / 124P
i.MX RT1160 Crossover Processors Data Sheet for Consumer Products
Rev. 0, 04/2021
IMXRT1170CEC NXP-IMXRT1170CEC Datasheet
1Mb / 128P
i.MX RT1170 Crossover Processors Data Sheet for Consumer Products
Rev. 1, 05/2021
IMXRT1015CEC NXP-IMXRT1015CEC_V01 Datasheet
2Mb / 72P
i.MX RT1015 Crossover Processors Data Sheet for Consumer Products
Rev. 3.1, 03/2022
IMXRT1060XCEC NXP-IMXRT1060XCEC Datasheet
1Mb / 102P
i.MX RT1060X Crossover Processors for Consumer Products
Rev. 1 - 06/2022
IMXRT1040CEC NXP-IMXRT1040CEC Datasheet
1Mb / 106P
i.MX RT1040 Crossover Processors for Consumer Products
Rev. 2 - 01/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com