Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC8T245 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74LVC8T245
Description  8-bit dual supply translating transceiver; 3-state
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC8T245 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74LVC8T245 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC8T245 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC8T245 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC8T245 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC8T245 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC8T245 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC8T245 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC8T245 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC8T245 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
© Nexperia B.V. 2017. All rights reserved
74LVC_LVCH8T245
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 3 — 12 December 2011
4 of 28
Nexperia
74LVC8T245; 74LVCH8T245
8-bit dual supply translating transceiver; 3-state
5.2 Pin description
[1]
All GND pins must be connected to ground (0 V).
6.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state.
[2]
The An inputs/outputs, DIR and OE input circuit is referenced to VCC(A); The Bn inputs/outputs circuit is referenced to VCC(B).
[3]
If at least one of VCC(A) or VCC(B) is at GND level, the device goes into suspend mode.
7.
Limiting values
Table 2.
Pin description
Symbol
Pin
Description
VCC(A)
1
supply voltage A (An inputs/outputs, OE and DIR inputs are referenced to VCC(A))
DIR
2
direction control
A1 to A8
3, 4, 5, 6, 7, 8, 9, 10
data input or output
GND[1]
11
ground (0 V)
GND[1]
12
ground (0 V)
GND[1]
13
ground (0 V)
B1 to B8
21, 20, 19, 18, 17, 16, 15, 14 data input or output
OE
22
output enable input (active LOW)
VCC(B)
23
supply voltage B (Bn inputs/outputs are referenced to VCC(B))
VCC(B)
24
supply voltage B (Bn inputs/outputs are referenced to VCC(B))
Table 3.
Function table[1]
Supply voltage
Input
Input/output[3]
VCC(A), VCC(B)
OE[2]
DIR[2]
An[2]
Bn[2]
1.2 V to 5.5 V
L
L
An = Bn
input
1.2 V to 5.5 V
L
H
input
Bn = An
1.2 V to 5.5 V
H
X
Z
Z
GND[3]
XXZ
Z
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC(A)
supply voltage A
0.5
+6.5
V
VCC(B)
supply voltage B
0.5
+6.5
V
IIK
input clamping current
VI <0V
50
-
mA
VI
input voltage
[1]
0.5
+6.5
V
IOK
output clamping current
VO <0V
50
-
mA
VO
output voltage
Active mode
[1][2][3]
0.5
VCCO +0.5
V
Suspend or 3-state mode
[1]
0.5
+6.5
V
IO
output current
VO =0Vto VCCO
[2] -
50
mA
ICC
supply current
ICC(A) or ICC(B); per VCC pin
-
100
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com