Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC8T245 Datasheet(PDF) 21 Page - Nexperia B.V. All rights reserved

Part # 74LVC8T245
Description  8-bit dual supply translating transceiver; 3-state
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC8T245 Datasheet(HTML) 21 Page - Nexperia B.V. All rights reserved

Back Button 74LVC8T245 Datasheet HTML 17Page - Nexperia B.V. All rights reserved 74LVC8T245 Datasheet HTML 18Page - Nexperia B.V. All rights reserved 74LVC8T245 Datasheet HTML 19Page - Nexperia B.V. All rights reserved 74LVC8T245 Datasheet HTML 20Page - Nexperia B.V. All rights reserved 74LVC8T245 Datasheet HTML 21Page - Nexperia B.V. All rights reserved 74LVC8T245 Datasheet HTML 22Page - Nexperia B.V. All rights reserved 74LVC8T245 Datasheet HTML 23Page - Nexperia B.V. All rights reserved 74LVC8T245 Datasheet HTML 24Page - Nexperia B.V. All rights reserved 74LVC8T245 Datasheet HTML 25Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
© Nexperia B.V. 2017. All rights reserved
74LVC_LVCH8T245
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 3 — 12 December 2011
21 of 28
Nexperia
74LVC8T245; 74LVCH8T245
8-bit dual supply translating transceiver; 3-state
13. Application information
13.1 Unidirectional logic level-shifting application
The circuit given in Figure 14 is an example of the 74LVC8T245; 74LVCH8T245 being
used in an unidirectional logic level-shifting application.
Schematic given for one channel.
Fig 14. Unidirectional logic level-shifting application
Table 15.
Description unidirectional logic level-shifting application
Name
Function
Description
VCC(A)
VCC1
supply voltage of system-1 (1.2 V to 5.5 V)
GND
GND
device GND
A
OUT
output level depends on VCC1 voltage
B
IN
input threshold value depends on VCC2 voltage
DIR
DIR
the GND (LOW level) determines B port to A port direction
VCC(B)
VCC2
supply voltage of system-2 (1.2 V to 5.5 V)
OE
OE
The GND (LOW level) enables the output ports
001aak438
74LVC8T245
74LVCH8T245
VCC1
system-1
system-2
VCC1
VCC2
VCC2
VCC(A)
VCC(B)
GND
DIR
Bn
OE
An



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com