Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS12B Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SS12B
Description  Schottkyre ctifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SS12B Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SS12B Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SS12B Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SS12B Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
●
Low profile package
●
Ideal for automated placement
●
Ultrafast reverse recovery time
●
Low power losses, high efficiency
●
Low forward voltage drop
●
High surge capability
●
High temperature soldering:
260℃/10 seconds at terminals
●
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Mechanical Date
Major Ratings and Characteristics
●
Case:
JEDEC DO-214AA molded plastic
●
Terminals:
Solder plated, solderable per
J-STD-002B and JESD22-B102D
●
Polarity:
Laser band denotes cathode end
IF(AV)
1.0A
VRRM
20 V to 100 V
IFSM
40A
VF
0.50V, 0.55V, 0.70V, 0.85V
Tj max.
125 °C
Maximum Ratings & Thermal Characteristics
(TA = 25 °C unless otherwise noted)
Note 1: Mounted on P.C.B. with 0.28 x 0.28” (7.0 x 7.0mm) copper pad areas.
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Note 2: Pulse test:300μs pulse width,1% duty cycle.
Voltage rate of change (rated VR)
dv/dt
10000
V/µs
j
Maximum repetitive peak reverse voltage
VRRM
20
30
40
50
60
80
100
V
Maximum RMS voltage
VRMS
14
21
28
35
Maximum average forward rectified current
IF(AV)
1.0
A
42
56
70
V
Maximum DC blocking voltage
VDC
25
℃
/W
60
80
100
V
20
30
40
50
Operating junction and storage temperature
range
TJ,TSTG
–65 to +125
℃
Peak forward surge current 8.3 ms single
half sine-wave superimposed on rated load
IFSM
40
A
Thermal resistance from junction to lead
(1)
RθJL
Instantaneous forward
voltage
IF=1.0A
(2)
VF
0.50
0.55
0.70
0.85
V
Reverse current
VR=VDC
Tj=25℃
IR
0.5
mA
Tj=125℃
5
Schottky rectifier
SS12B-SS110B
Items
Symbol SS12B
SS13B
SS14B
SS15B
SS16B
SS18B
SS110B
UNIT
12B
SS13~14B
SS15~16B
SS18~110B
UNIT
Items
Test conditions
Symbol SS
Rev :
www.leiditech.com
01.06.2018
1/3


Similar Part No. - SS12B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SS12B LUGUANG-SS12B Datasheet
181Kb / 2P
Surface Mount Schottky Barrier Rectifiers
logo
Diode Semiconductor Kor...
SS12B DSK-SS12B Datasheet
185Kb / 2P
SURFACE MOUNT SCHOTTKY
logo
Jiangsu High diode Semi...
SS12B HDSEMI-SS12B Datasheet
1Mb / 4P
SMB Plastic-Encapsulate Diodes
logo
Multicomp Pro
SS12B MULTICOMP-SS12B Datasheet
301Kb / 1P
Surface Mount Schottky Barrier Rectifiers
02/07/20 V1.0
More results

Similar Description - SS12B

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
B16WS LEIDITECH-B16WS Datasheet
545Kb / 3P
Schottkyre ctifier
BAS70 LEIDITECH-BAS70 Datasheet
505Kb / 3P
Schottky r e ctifier
DSK32 LEIDITECH-DSK32 Datasheet
1Mb / 3P
Schottkyre ctifier
SS12 LEIDITECH-SS12 Datasheet
1Mb / 2P
Schottkyre ctifier
SS22A LEIDITECH-SS22A Datasheet
349Kb / 3P
Schottkyre ctifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com