Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M6NXF3-Z1Z1-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # M6NXF3-Z1Z1-R
Description  Screw Terminal Ultra-Slim Signal Conditioners M6N Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M6NXF3-Z1Z1-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  M6NXF3-Z1Z1-R Datasheet HTML 1Page - M-System Co.,Ltd. M6NXF3-Z1Z1-R Datasheet HTML 2Page - M-System Co.,Ltd. M6NXF3-Z1Z1-R Datasheet HTML 3Page - M-System Co.,Ltd. M6NXF3-Z1Z1-R Datasheet HTML 4Page - M-System Co.,Ltd. M6NXF3-Z1Z1-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MODEL: M6NXF3
M6NXF3 SPECIFICATIONS
ES-7920 Rev.4 Page 5/5
http://www.m-system.co.jp/
FUNCTIONS
■ CONTROL LOGIC
The control input can be chosen either hold at open or hold at close by using the PC Configurator Software.
For detailed information on the PC Configuration, refer to the M6CFG users manual.
■ TRACK/HOLD
When the control input is TRACK, the output follows proportionally to the input.
When the control input turns to HOLD, the output at the point of command is held indefinitely.
■ PEAK HOLD
• Peak hold
When the control input is TRACK, the output follows proportionally to the input.
When the control input is HOLD, the output is held at the maximum input value.
When the maximum input value is updated, the output changes to that value.
• Valley hold
When the control input is TRACK, the output follows proportionally to the input.
When the control input is HOLD, the output is held at the minimum input value.
When the minimum input value is updated, the output changes to that value.
• Peak-to-peak hold
When the control input is TRACK, the output follows proportionally to the input.
When the control input is HOLD, the output is held at the maximum peak-to-peak input value (max. value – min. value).
For example, the output is 20% if the maximum input value is 60% and the minimum input value is 40%.
When the maximum peak-to-peak input value is updated, the output changes to that value.
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com