Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M6NXF3-Z1Z1-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M6NXF3-Z1Z1-R
Description  Screw Terminal Ultra-Slim Signal Conditioners M6N Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M6NXF3-Z1Z1-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M6NXF3-Z1Z1-R Datasheet HTML 1Page - M-System Co.,Ltd. M6NXF3-Z1Z1-R Datasheet HTML 2Page - M-System Co.,Ltd. M6NXF3-Z1Z1-R Datasheet HTML 3Page - M-System Co.,Ltd. M6NXF3-Z1Z1-R Datasheet HTML 4Page - M-System Co.,Ltd. M6NXF3-Z1Z1-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: M6NXF3
M6NXF3 SPECIFICATIONS
ES-7920 Rev.4 Page 1/5
http://www.m-system.co.jp/
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
HOLD FUNCTION MODULE
(PC programmable)
Functions & Features
• Track/Hold or Peak hold function’s selection available
• 7.5-mm wide ultra-slim design with DC current signal
input
• Low profile allows the M6N module to be mounted in a
120-mm deep panel
• PC programmable
• High-density mounting available
• Power and status indicator LEDs
Typical Applications
• Monitoring peak power consumption
• Monitoring the highest or lowest temperature
• Capturing signals from a composite analyzer performing
on each sample in turn
mm (inch)
7.5 (.30)
102
(4.02)
102
(4.02)
MODEL: M6NXF3–[1][2]–R[3]
ORDERING INFORMATION
• Code number: M6NXF3-[1][2]-R[3]
Specify a code from below for each [1] through [3].
(e.g. M6NXF3-Z1Z1-R/Q)
• Input range (e.g. 4 – 20 mA DC)
• Output range (e.g. 4 – 20 mA DC)
• Specify the specification for option code /Q
(e.g. /C01)
[1] INPUT
Current
Z1: Range 0 – 50 mA DC (Input resistance 24.9 Ω)
Voltage
S1: Range -1000 – +1000 mV DC (Input resistance 1 MΩ min.)
S2: Range -10 – +10 V DC (Input resistance 1 MΩ min.)
(Configurator software is used to change input over the
described range of the selected suffix code.
For changing between suffix codes, set the Input Range
Selector on the side of unit before software adjustment.)
[2] OUTPUT
Current
Z1: Range 0 – 20 mA DC
Voltage
V2: Range -10 – +10 V DC
V3: Range -5 – +5 V DC
(Configurator software is used to change output over the
described range of the selected suffix code.
For changing between suffix codes, set the Output Range
Selector on the side of unit before software adjustment.)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[3] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
FUNCTIONS
PC Configurator Software is used to change function type.
• Track/Hold
• Peak hold
Peak hold
Valley hold
Peak-to-peak hold (Peak hold-Valley hold)
Factory default setting
Control/Hold: Track/Hold
Control/Control Logic: Hold at open
RELATED PRODUCTS
• PC configurator software (model: M6CFG)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.


Similar Part No. - M6NXF3-Z1Z1-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M6NXF1 MSYSTEM-M6NXF1 Datasheet
190Kb / 7P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NXF1-S1V2-R MSYSTEM-M6NXF1-S1V2-R Datasheet
190Kb / 7P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NXF1-S1V2-R/Q MSYSTEM-M6NXF1-S1V2-R/Q Datasheet
190Kb / 7P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NXF1-S1V2-R/UL MSYSTEM-M6NXF1-S1V2-R/UL Datasheet
190Kb / 7P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NXF1-S1V3-R MSYSTEM-M6NXF1-S1V3-R Datasheet
190Kb / 7P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
More results

Similar Description - M6NXF3-Z1Z1-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M6NBS MSYSTEM-M6NBS Datasheet
271Kb / 5P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NDM MSYSTEM-M6NDM Datasheet
102Kb / 2P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NXF1 MSYSTEM-M6NXF1 Datasheet
190Kb / 7P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NXAT MSYSTEM-M6NXAT Datasheet
160Kb / 5P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NXAS MSYSTEM-M6NXAS Datasheet
161Kb / 4P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NVS MSYSTEM-M6NVS Datasheet
133Kb / 4P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NSN MSYSTEM-M6NSN Datasheet
133Kb / 3P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NPS1 MSYSTEM-M6NPS1 Datasheet
124Kb / 3P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NPA MSYSTEM-M6NPA Datasheet
136Kb / 4P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NYV MSYSTEM-M6NYV Datasheet
131Kb / 3P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com