Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M6NXAT-2-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # M6NXAT-2-R
Description  Screw Terminal Ultra-Slim Signal Conditioners M6N Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M6NXAT-2-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  M6NXAT-2-R Datasheet HTML 1Page - M-System Co.,Ltd. M6NXAT-2-R Datasheet HTML 2Page - M-System Co.,Ltd. M6NXAT-2-R Datasheet HTML 3Page - M-System Co.,Ltd. M6NXAT-2-R Datasheet HTML 4Page - M-System Co.,Ltd. M6NXAT-2-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: M6NXAT
M6NXAT SPECIFICATIONS
ES-7922 Rev.4 Page 3/5
http://www.m-system.co.jp/
CALCULATION EXAMPLES OF SETPOINT ACCURACY
[Example] K thermocouple, 0 – 1000°C
Absolute value accuracy (Table 1): 0.25°C
CJC error (3°C) added: 3.25°C
Setpoint accuracy = 3.25°C ÷ 1000°C × 100 = 0.33 %
Table 1.
C
F
THERMOCOUPLE
MIN.
MAXIMUM
CONFORMANCE
ACCURACY
MIN.
MAXIMUM
CONFORMANCE
ACCURACY
SPAN
RANGE
RANGE
SPAN
RANGE
RANGE
(PR)
20
0 to
1760
0 to
1760
±1.00
36
32 to
3200
32 to
3200
±1.80
K (CA)
20
-270 to +1370
-150 to +1370
±0.25
36
-454 to +2498
-238 to +2498
±0.45
E (CRC)
20
-270 to +1000
-170 to +1000
±0.20
36
-454 to +1832
-274 to +1832
±0.36
J (IC)
20
-210 to +1200
-180 to +1200
±0.25
36
-346 to +2192
-292 to +2192
±0.45
T (CC)
20
-270 to
+400
-170 to
+400
±0.25
36
-454 to
+752
-274 to
+752
±0.45
B (RH)
20
100 to
1820
400 to
1760
±0.75
36
212 to
3308
752 to
3200
±1.35
R
20
-50 to +1760
200 to
1760
±0.50
36
-58 to +3200
392 to
3200
±0.90
S
20
-50 to +1760
0 to
1760
±0.50
36
-58 to +3200
32 to
3200
±0.90
N
20
-270 to +1300
-130 to +1300
±0.30
36
-454 to +2372
-202 to +2372
±0.54
(PR)
K (CA)
E (CRC)
J (IC)
T (CC)
B (RH)
R
S
N
THERMOCOUPLE
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Measurement Category II (output)
Pollution Degree 2
Input or power to output: Reinforced insulation (300 V)
Input to power: Basic insulation (300 V)
RoHS Directive
EN 50581



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com