Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M6NXAT-2-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # M6NXAT-2-R
Description  Screw Terminal Ultra-Slim Signal Conditioners M6N Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M6NXAT-2-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  M6NXAT-2-R Datasheet HTML 1Page - M-System Co.,Ltd. M6NXAT-2-R Datasheet HTML 2Page - M-System Co.,Ltd. M6NXAT-2-R Datasheet HTML 3Page - M-System Co.,Ltd. M6NXAT-2-R Datasheet HTML 4Page - M-System Co.,Ltd. M6NXAT-2-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: M6NXAT
M6NXAT SPECIFICATIONS
ES-7922 Rev.4 Page 2/5
http://www.m-system.co.jp/
Burnout (Upscale, downscale or no burnout)
Alarm setpoint (input %)
Trip action (High or Low)
Relay coil (energized or de-energized)
Power ON delay time (0 to 999 sec.)
Alarm ON delay time (0 to 999 sec.)
Hysteresis (deadband) (input %)
Alarm test, and others
Configurator connection: 2.5 dia. miniature jack;
RS-232-C level
Factory default setting
Alarm setpoint: 80 %
Trip action: High
Relay coil at alarm: Energized
Power ON delay time: 5 sec.
Alarm ON delay time: 0 sec.
Hysteresis (deadband) : 1.0 %
Burnout: Upscale
■Recommended solderless terminal (unit: mm (inch))
3.2 (.13) dia.
4 min.
(.16)
5.5 max.
(.22)
INPUT SPECIFICATIONS
Input resistance: 1 MΩ min.
Burnout sensing: ≤ 0.1 μA
Temperature range: See Table 1.
If not specified, the input range is shown below.
1 PR: 0 – 1600°C
2 K: 0 – 1000°C
3 E: 0 – 500°C
4 J: 0 – 500°C
5 T: 0 – 300°C
6 B: 500 – 1600°C
7 R: 500 – 1600°C
8 S: 0 – 1600°C
N N: 0 – 1000°C
OUTPUT SPECIFICATIONS
■ Relay Output
Relay rating:
250 V AC @2 A (cos ø = 1)
30 V DC @2 A (resistive load)
Maximum switching voltage: 250 V AC or 125 V DC
Maximum switching power: 500 VA or 60 W
Minimum load: 5 V DC @100 mA
Mechanical life: 5 × 106 cycles (rate 180/min.)
0
50
100
Input
(%)
▲
Setpoint
Output
(3–4)ON
(3–2)ON
• Setting Example
Hi alarm (coil energized at alarm) or
Lo alarm (coil de-energized at alarm)
Alarm Trip Operation Terminal No. in parentheses
Trip operation in power failure: Terminals 3 – 4 turn ON.
INSTALLATION
Power consumption: Approx. 0.5 W
Operating temperature: -20 to +55°C (-4 to +131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Installation Base (model: M6NBS) or DIN rail
Weight: 65 g (2.3 oz)
PERFORMANCE in percentage of span
Setpoint accuracy (trip point accuracy):
Accuracy in Table 1 + Cold junction compensation error
Cold junction compensation error:
±3°C at 25 ±10°C
±5.4°F at 77 ±18°F
Temp. coefficient: ±0.01 %/°C (±0.006 %/°F) of max. span
Response time: ≤ 0.5 sec. (0 – 100 % at 90 % setpoint)
Burnout response time: ≤ 1 sec.
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com