Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M6NXAP-Z1P-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # M6NXAP-Z1P-R
Description  Screw Terminal Ultra-Slim Signal Conditioners M6N Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M6NXAP-Z1P-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  M6NXAP-Z1P-R Datasheet HTML 1Page - M-System Co.,Ltd. M6NXAP-Z1P-R Datasheet HTML 2Page - M-System Co.,Ltd. M6NXAP-Z1P-R Datasheet HTML 3Page - M-System Co.,Ltd. M6NXAP-Z1P-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: M6NXAP
M6NXAP SPECIFICATIONS
ES-7926 Rev.4 Page 3/4
http://www.m-system.co.jp/
Overall accuracy = ±0.15 %
2. Pulse width modulation
E.g.: Input range -10 to +10 V, input span 1 to 5 V,
frequency 1 kHz
Input accuracy = 0.05 % (same as above)
Output accuracy = 0.20 %
Overall accuracy = ±0.25 %
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581
EXTERNAL VIEW
■ FRONT VIEW (with the cover open)
■ SIDE VIEW
5
6
7
8
1
2
3
4
Output Range Selectors
Status Indicator LED
Power LED
Configurator Jack
The output signal type is configurable with the DIP switches. Refer to the installation manual for detailed procedure.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com