Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M6NXAP-Z1P-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # M6NXAP-Z1P-R
Description  Screw Terminal Ultra-Slim Signal Conditioners M6N Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M6NXAP-Z1P-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  M6NXAP-Z1P-R Datasheet HTML 1Page - M-System Co.,Ltd. M6NXAP-Z1P-R Datasheet HTML 2Page - M-System Co.,Ltd. M6NXAP-Z1P-R Datasheet HTML 3Page - M-System Co.,Ltd. M6NXAP-Z1P-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: M6NXAP
M6NXAP SPECIFICATIONS
ES-7926 Rev.4 Page 2/4
http://www.m-system.co.jp/
• User’s linearization table (max. 101 points, specified
within -2 to +102 %)
• Others
(Refer to the instruction manual for details)
Configurator connection: 2.5 dia. miniature jack;
RS-232-C level
■Recommended solderless terminal (unit: mm (inch))
3.2 (.13) dia.
4 min.
(.16)
5.5 max.
(.22)
INPUT SPECIFICATIONS
■ DC Current: Input resistor incoporated
(If not specified, the input range is 4 – 20 mA DC.)
Input range: 0 – 50 mA DC
Minimum span: 2 mA
Offset: Lower range can be any specific value within the
input range provided that the minimum span is maintained.
■ DC Voltage
•Code S1 (narrow spans)
Input range: -1000 – +1000 mV DC
Minimum span: 100 mV
•Code S2 (wide spans)
Input range: -10 – +10 V DC
Minimum span: 1 V
Offset: Lower range can be any specific value within the
input range provided that the minimum span is maintained.
If not specified, the input range is shown below.
S1: 0 – 100 mV DC
S2: 1 – 5 V DC
OUTPUT SPECIFICATIONS
■ Modulation
• Frequency modulation
Output range: 0 to 100 %
Max. frequency: 100 kHz
Min. span: 0.01 Hz
(The output frequency changes according to the input
signal. Duty rate is approx. 50 %)
• Pulse width modulation
Output range: 1 to 99 %
Usable frequency: 0.008 Hz to 1 kHz
(According to the input signal, the output pulse width (duty
rate) changes without change of its frequency. The
frequency is configurable with PC Configurator software,
M6CFG.).
■ Open Collector
50 V DC @ 100 mA (resistive load)
Maximum frequency: 100 kHz
Saturation voltage: 0.5 V DC
(Factory default: 0 to 10 kHz, frequency modulation)
■ Voltage Pulse
High level: Rating (5, 12 or 24 V) ±10 %
Low level: ≤ 0.5 V
Load resistance:
• ≥ 1.0 kΩ for 5 V
• ≥ 2.4 kΩ for 12 V
• ≥ 4.8 kΩ for 24 V
Factory default: 0 to 10 kHz, Frequency modulation
INSTALLATION
Power consumption: Approx. 1 W
Operating temperature: -20 to +55°C (-4 to +131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Installation Base (model: M6NBS) or DIN rail
Weight: 65 g (2.3 oz)
PERFORMANCE in percentage of span
Accuracy: Input accuracy + output accuracy
Inversely proportional to the span.
Input accuracy in percentage of input span:
• ±0.01 % for -1000 to +1000 mV
• ±0.01 % for -10 to +10 V
• ±0.02 % for 0 to 50 mA
Output accuracy at max. frequency (FM):
• ±0.10 % for ≤ 10 kHz
• ±0.05 % for ≤ 5 kHz
• ±0.02 % for ≤ 1 kHz
• For 10 kHz to 100 kHz output accuracy is following.
Output accuracy (%) = Max. frequency (kHz) x 0.01
Output accuracy (PWM): ±0.2 %
See CALCULATION EXAMPLES OF OVERALL ACCURACY.
Temp. coefficient: ±0.01 %/°C (±0.006 %/°F) of max. input
span
Response time: 0.1 sec. + 1 pulse cycle of 100 % output
The time between the moment when the input changes 0 %
to 100 % and the moment when the first pulse changes.
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)
CALCULATION EXAMPLES OF OVERALL ACCURACY
1. Frequency modulation
E.g.: Input range -10 to +10 V, input span 1 to 5 V, max.
frequency 10 kHz
Input accuracy = Input range (20 V) ÷ Input span (4 V) x
Input accuracy (0.01 %) = 0.05 %
Output accuracy = 0.10 %



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com