Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR5000 Datasheet(PDF) 4 Page - RF Monolithics, Inc

Part # DR5000
Description  916.50 MHz Receiver Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

DR5000 Datasheet(HTML) 4 Page - RF Monolithics, Inc

  DR5000 Datasheet HTML 1Page - RF Monolithics, Inc DR5000 Datasheet HTML 2Page - RF Monolithics, Inc DR5000 Datasheet HTML 3Page - RF Monolithics, Inc DR5000 Datasheet HTML 4Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
916.50 MHz
Receiver Module
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 4 of 4
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
DR5000-081203
Note: Preliminary specifications, subject to change without notice.
R3
R4
R8
R1
R2
R6
C3
C2
L2
C1
L1
C4
C5
+
ASH Receiver
20
1
11
10
CTR0 (12)
CTR1 (11)
VCC (9)
LPF ADJ (8)
GND (6, 7, 10)
RFIO
(13)
RF GND
(14)
AGC/VCC
(1)
PK DET
(2)
RX BBO
(3)
RX DATA
(4)
DR5000 Schematic



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com