Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR5000 Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # DR5000
Description  916.50 MHz Receiver Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

DR5000 Datasheet(HTML) 1 Page - RF Monolithics, Inc

  DR5000 Datasheet HTML 1Page - RF Monolithics, Inc DR5000 Datasheet HTML 2Page - RF Monolithics, Inc DR5000 Datasheet HTML 3Page - RF Monolithics, Inc DR5000 Datasheet HTML 4Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
®
Preliminary
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 1 of 4
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
DR5000-081203
Electrical Characteristics, 2.4 kbps On-Off Keyed
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Operating Frequency
fO
916.3
916.7
MHz
Modulation Type
OOK
Data Rate
2.4
19.2
kbps
Receiver Performance (OOK @ 2.4 kbps)
Input Current, 3 Vdc Supply
IR
1.8
mA
Input Signal for 10-4
BER, 25 C
-100
dBm
Rejection, ±30 MHz
RREJ
55
dB
Sleep to Receive Switch Time(100 ms sleep, -85 dBm signal)
tSR
3
200
µs
Sleep Mode Current
IS
5
µA
Power Supply Voltage Range
VCC
2.7
3.5
Vdc
Operating Ambient Temperature
TA
-20
+65
°C
•
Designed for Short-Range Wireless Data Communications
•
Supports up to 19.2 kbps Encoded Data Transmissions
•
3 V, Low Current Operation plus Sleep Mode
•
Ready to Use OEM Module
The DR5000 receiver module is ideal for short-range wireless data applications where robust operation,
small size and low power consumption are required. The DR5000 utilizes RFM’s RX6000 amplifier-
sequenced hybrid (ASH) architecture to achieve this unique blend of characteristics. The receiver RX6000 is
sensitive and stable. A wide dynamic range log detector provides robust performance in the presence of on-
channel interference or noise. Two stages of SAW filtering provide excellent receiver out-of -band rejection.
The DR5000 includes the RX6000 plus all configuration components in a ready-to-use PCB assembly excel-
lent for prototyping and intermediate volume production runs.
Absolute Maximum Ratings
Rating
Value
Units
Power Supply and All Input/Output Pins
-0.3 to +4.0
V
Non-Operating Case Temperature
-50 to +100
°C
Soldering Temperature (10 seconds)
230
°C
916.50 MHz
Receiver
Module
DR5000
.70
.25
.20
.165
.70
.10
DR5000 Outline Drawing
Dimensions in inches
DR5000 Pin Out
RF
GND
RFIO
AGC/VCC
PK DET
NC
RX BBO
RX DATA
CTR0
CTR1
GND
VCC
LPF ADJ
1
2
3
4
5
8
9
10
11
12
13
14
6
7
GND
GND


Similar Part No. - DR5000

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
DR5000 GXELECTRONICS-DR5000 Datasheet
532Kb / 2P
Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
logo
Murata Manufacturing Co...
DR5000 MURATA-DR5000 Datasheet
288Kb / 4P
916.50 MHz Transceiver Module
logo
Danisense A/S
DR5000IM DANISENSE-DR5000IM Datasheet
889Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DR Series current transducer for non-intrusive, isolated DC and AC current measurement up to 8000A
2022-11-24
DR5000UX-10V_5000A DANISENSE-DR5000UX-10V_5000A Datasheet
939Kb / 8P
Ultra-stable, high precision (ppm class) fluxgate technology DR Series current transducer for non-intrusive, isolated DC and AC current measurement up to 5500A
2022-11-24
DR5000UX-10V_7500A DANISENSE-DR5000UX-10V_7500A Datasheet
861Kb / 8P
Ultra-stable, high precision (ppm class) fluxgate technology DR Series current transducer for non-intrusive, isolated DC and AC current measurement up to 8000A
2022-11-24
More results

Similar Description - DR5000

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
DR3000 RFM-DR3000 Datasheet
67Kb / 5P
916.50 MHz Transceiver Module
DM1800-916MB RFM-DM1800-916MB Datasheet
75Kb / 4P
916.50 MHz Transceiver Module
DM1800-916MN RFM-DM1800-916MN Datasheet
75Kb / 4P
916.50 MHz Transceiver Module
DM1800-916MR RFM-DM1800-916MR Datasheet
73Kb / 4P
916.50 MHz Transceiver Module
DR3000-1 RFM-DR3000-1 Datasheet
65Kb / 5P
916.50 MHz Transceiver Module
DR3300 RFM-DR3300 Datasheet
66Kb / 5P
916.50 MHz Transceiver Module
DR4000 RFM-DR4000 Datasheet
102Kb / 2P
916.50 MHz Transmitter Module
RX6000 RFM-RX6000 Datasheet
75Kb / 10P
916.50 MHz Hybrid Receiver
logo
Murata Manufacturing Co...
DR3300 MURATA-DR3300 Datasheet
292Kb / 5P
916.50 MHz Transceiver Module
DR5000 MURATA-DR5000 Datasheet
288Kb / 4P
916.50 MHz Transceiver Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com