Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9HT12 Datasheet(PDF) 1 Page - TXC Corporation.

Part # 9HT12
Description  2 pads surface mount package.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TXC [TXC Corporation.]
Direct Link  http://www.txccorp.com/
Logo TXC - TXC Corporation.

9HT12 Datasheet(HTML) 1 Page - TXC Corporation.

  9HT12 Datasheet HTML 1Page - TXC Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
17
Think of Frequency Think of
come visit our site http://www.txccorp.com
Units: mm
SMD
kHz Crystals
1.6 x 1.0 x 0.5 (max) mm 9H T12 Series
Features
.
2 pads surface mount package.
.
Application for NB, Smart Phone, variety of compact portable consumer
products reference clocks.
.
High reliable environmental performance.
.
RoHS compliant /Pb Free.
Electrical Specifications
Equivalent Series Resistance(ESR)
Dimensions
Item / Type
T12
9H T12
Norminal Frequency
Frequency Tolerance(at 25 ℃)
Operation Temperature Range
Shunt Capacitance (C0)
Motional Capacitance (C1)
Insulation Resistance (IR)
Drive Level (DL)
Load Capacitance( CL)
Turnover Temperature (Ti)
Parabolic Coefficient (B)
Aging (at 25 ℃)
Storage Temperature Range
90 KΩ Max
32.768 kHz
±
20 ppm , or specify
– 40 ~ + 85 ℃
1.3 pF typical
6.4 fF typical
500 MΩ Min.
0.5 μW Max.
12.5 pF , other spec.
25 ℃ ± 5 ℃
(- 0.03 ± 0.01) * 10-6 / ℃2
±
3 ppm at first year
– 55 ~ +125 ℃
TAG01


Similar Part No. - 9HT12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9HT12 ETC2-9HT12 Datasheet
1Mb / 1P
1.6X1.0X0.5MM 9HT12 SERIES
More results

Similar Description - 9HT12

ManufacturerPart #DatasheetDescription
logo
MMD Components
VSAA1 MMD-VSAA1 Datasheet
62Kb / 1P
5.0mm x 3.2mm x 1.2mm 2 Pads Ceramic Package
ISAA1 MMD-ISAA1 Datasheet
83Kb / 1P
6.0mm x 3.5 mm 2 Pads Ceramic Package
logo
KR Electronics, Inc.
2505 KR-2505 Datasheet
28Kb / 2P
Surface Mount Package
logo
Advanced Power Electron...
AP2302AGN-HF A-POWER-AP2302AGN-HF_16 Datasheet
99Kb / 5P
Surface Mount Package
AP2306CGN-HF A-POWER-AP2306CGN-HF_16 Datasheet
99Kb / 5P
Surface Mount Package
AP2906EY A-POWER-AP2906EY Datasheet
73Kb / 6P
Surface mount package
AP9938AGEY-HF A-POWER-AP9938AGEY-HF_16 Datasheet
104Kb / 5P
Surface Mount Package
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-381Z AVAGO-HSMP-381Z Datasheet
168Kb / 5P
2 Leads Surface Mount Package
logo
Abracon Corporation
ABMMC2 ABRACON-ABMMC2 Datasheet
1Mb / 2P
7.0 x 5.0mm 2 PADS SURFACE MOUNT CRYSTAL
08.20.10
logo
TXC Corporation.
9HT10 TXC-9HT10 Datasheet
988Kb / 1P
2 pads surface mount package.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com