Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABMMC2 Datasheet (PDF) - Abracon Corporation

ABMMC2 Datasheet PDF - Abracon Corporation
Part # ABMMC2
Download  ABMMC2 Download
File Size   1125.28 Kbytes
Page   2 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description 7.0 x 5.0mm 2 PADS SURFACE MOUNT CRYSTAL

ABMMC2 Datasheet (PDF)

Go To PDF Page Download Datasheet
ABMMC2 Datasheet PDF - Abracon Corporation

Part # ABMMC2
Download  ABMMC2 Click to download

File Size   1125.28 Kbytes
Page   2 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description 7.0 x 5.0mm 2 PADS SURFACE MOUNT CRYSTAL

ABMMC2 Datasheet (HTML) - Abracon Corporation




Similar Part No. - ABMMC2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABMM ABRACON-ABMM Datasheet
187Kb / 2P
CERAMIC SURFACE MOUNT MICROPROCESSOR CRYSTAL
05.24.07
ABMM ABRACON-ABMM Datasheet
379Kb / 2P
CERAMIC SURFACE MOUNT MICROPROCESSOR CRYSTAL
12.17.07
ABMM-1 ABRACON-ABMM-1 Datasheet
833Kb / 2P
CERAMIC SURFACE MOUNT LOW PROFILE QUARTZ CRYSTALS
07.08.10
ABMM-14.31818MHZ-B-R17234 ABRACON-ABMM-14.31818MHZ-B-R17234 Datasheet
1Mb / 2P
CERAMIC SURFACE MOUNT M ICROPROCESSOR CRYSTAL
02.26.12
ABMM-14.31818MHZ-C-R17234 ABRACON-ABMM-14.31818MHZ-C-R17234 Datasheet
1Mb / 2P
CERAMIC SURFACE MOUNT M ICROPROCESSOR CRYSTAL
02.26.12
More results


Similar Description - ABMMC2

ManufacturerPart #DatasheetDescription
logo
MMD Components
VSAA1 MMD-VSAA1 Datasheet
62Kb / 1P
5.0mm x 3.2mm x 1.2mm 2 Pads Ceramic Package
logo
Pericom Semiconductor C...
JX701 PERICOM-JX701 Datasheet
726Kb / 2P
Ultra Low Jitter PLL Crystal Oscillator 7.0 x 5.0mm
logo
Advanced Crystal Techno...
752-SMX-2 ACT-752-SMX-2 Datasheet
232Kb / 2P
7.0 x 5.0mm Crystal unit
1/02/2017
753-SMX-4 ACT-753-SMX-4 Datasheet
236Kb / 2P
7.0 x 5.0mm Crystal unit
1/02/2017
logo
Golledge Electronics Lt...
GSX-751 GOLLEDGE-GSX-751 Datasheet
576Kb / 6P
7.0 x 5.0mm High Frequency SM Crystal with Tight Specifications
logo
Abracon Corporation
ABH4B ABRACON-ABH4B Datasheet
1Mb / 2P
INDUSTRIAL GRADE 7.0 x 5.0 x 1.6mm GLASS SEALED 4 PADS SMD CRYSTAL
02.15.10
logo
TXC Corporation.
9HT10 TXC-9HT10 Datasheet
988Kb / 1P
2 pads surface mount package.
9HT12 TXC-9HT12 Datasheet
976Kb / 1P
2 pads surface mount package.
logo
Diodes Incorporated
FNETHE025 DIODES-FNETHE025 Datasheet
282Kb / 2P
Application Specific Crystal Oscillator 7.0 x 5.0mm
Rev F 07/13/12
NX703 DIODES-NX703 Datasheet
649Kb / 2P
Ultra Low Jitter PLL Crystal Oscillator 7.0 x 5.0mm
Rev B 08/13/14
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com