Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS82C Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SS82C
Description  Schottky rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SS82C Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SS82C Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SS82C Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SS82C Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics
Note 2: Pulse test:300
μs pulse width,1% duty cycle
Characteristic Curves
(TA=25 ℃ unless otherwise noted)
Instantaneous forward
voltage
Reverse current
Items
(TA = 25 °C unless otherwise noted)
Unit
SS82C
Symbol
VR=VDC
mA
SS88C~
SS810C
0.85
SS85C~
SS86C
SS83C~
SS84C
0.7
0.55
0.5
10.0
20
IR
TA=25℃
TA=100℃
V
0.50
VF
Test conditions
IF=8.0A
(2)
2
4
6
8
Fig.1 Forward Current Derating Curve
60
90
120
150
Fig.2 Maximum Non-Repetitive Peak
Forward Surge Current
0
2
0
30
60
90
120
150
Lead Temperature(℃)
0
30
1
10
100
Number of Cycles 60 HZ
0.1
1
10
100
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Instantaneous Forward Voltage(V)
Fig.3 Typical Instantaneous Forward
Characteristics
0.001
0.01
0.1
1
10
100
0
204060
80
100
Percent Reted Peak Reverse Voltage(%)
Fig.4 Typicl Reverse Leakage Characteristics
SS82C
SS83C-SS84C
SS85C-SS86C
SS810C
T
A = 125 °C
T
A = 25 °C
SS82C-SS810C
Rev :
www.leiditech.com
01.06.2018
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com