Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS82C Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SS82C
Description  Schottky rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SS82C Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SS82C Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SS82C Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SS82C Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
●
Low profile package
●
Ideal for automated placement
●
Low power loss, high efficiency
●
Low forward voltage drop
●
High surge capability
●
High temperature soldering:
260℃/10 seconds at terminals
●
Component in accordance
RoHS 2011/65/EU and WEEE 2002/96/EC
Major Ratings and Characteristics
Mechanical Date
●
Case:JEDEC DO-214AB(SMC)
Molding compound meets
UL 94 V-0 flammability rating
●
Terminals: Solder plated solderable per
IF(AV)
8.0A
VRRM
20 V to 100V
IFSM
150A
VF
TJmax.
0.50V, 0.55V, 0.70V,0.85V
125 °C,150°C
●
Terminals: Solder plated, solderable per
MIL-STD-750, Method 2026
●
Polarity: Laser band denotes cathode end
Maximum Ratings
(TA = 25 °C unless otherwise specified)
Note 1: Mounted on P.C.B. with 0.55 x 0.55” (14 x 14 mm) copper pad areas.
Characteristic
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TL (see Fig.1)
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
Thermal resistance from junction to lead
(1)
Operating junction temperature range
Storage temperature range
IFSM
RθJL
TJ
TSTG
150
17
-65 to +125
-65 to +150
-65 to +150
IF(AV)
8
V
℃
A
℃/W
℃
VDC
20
30
40
50
V
V
Unit
SS85C
SS84C
SS83C
SS82C
Symbol
VRRM
20
30
40
50
VRMS
14
21
A
SS810C
SS88C
SS86C
60
80
100
28
35
42
56
70
60
80
100
DO-214AB (SMC)
Schottky rectifiers
SS82C-SS810C
Rev :
www.leiditech.com
01.06.2018
1/3


Similar Part No. - SS82C

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
SS82C CHENDA-SS82C Datasheet
827Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SHIKUES Electronics
SS82CG SKTECHNOLGY-SS82CG Datasheet
410Kb / 3P
Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SS82C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SS26 FAIRCHILD-SS26 Datasheet
49Kb / 3P
Schottky Rectifiers
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Dongguan City Niuhang E...
MBR1020DD NIUHANG-MBR1020DD Datasheet
485Kb / 5P
SCHOTTKY RECTIFIERS
SS52F NIUHANG-SS52F Datasheet
321Kb / 3P
SCHOTTKY RECTIFIERS
1N5817 NIUHANG-1N5817 Datasheet
357Kb / 2P
SCHOTTKY RECTIFIERS
MBR1020DCT NIUHANG-MBR1020DCT Datasheet
431Kb / 3P
SCHOTTKY RECTIFIERS
MBR30100DCT NIUHANG-MBR30100DCT Datasheet
373Kb / 3P
SCHOTTKY RECTIFIERS
SR1060 NIUHANG-SR1060 Datasheet
335Kb / 3P
SCHOTTKY RECTIFIERS
logo
Shanghai Leiditech Elec...
SS68C LEIDITECH-SS68C Datasheet
863Kb / 3P
Schottky rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com