Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS1060C Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SS1060C
Description  Schottky rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SS1060C Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SS1060C Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SS1060C Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
FEATURES
MECHANICAL DATA
o
Ratings at 25 C ambient temperature unless otherwise specified
Resistive or inductive load
SMC/DO-214AB
Dimensions in inches and (millimeters)
.002(.051)
.008(.203)
.006(.152)
.012(.305)
.305(7.75)
.320(8.13)
.079(2.00)
.103(2.62)
.030(0.76)
.050(1.27)
.260(6.60)
.280(7.11)
.220(5.59)
.245(6.22)
.108(2.75)
.128(3.25)
Low profile package
Ideal for automated placement
Guard Ring for over voltage protection
Low forward voltage drop
Component in accordance to RoHS 2002/95/EC
‧
Case: DO-214AB (SMC)
‧
Case Material: Molded Plastic. UL
Flammability Classification Rating 94V-0
‧
Terminals: Lead Free Plating (Tin Finish).
Solderable per MIL-STD-202, Method 208
‧
Polarity: Cathode Band
‧
Weight: 0.231 grams (approximate)
SYMBOL
UNIT
VRRM
V
VRMS
V
VDC
V
IF
A
VF
V
CJ
pF
RθJC
°C/W
TJ
°C
TSTG
°C
NOTES:1.Measured at 1.0MHZ and applied reverse voltage of 4.0V DC
380
Typical thermal resistance
Typical junction capacitance(NOTE1)
0.5
0.2
15.0
25.0
60
42
60
100
70
100
40
28
40
PARAMETER
Operating temperature range
Storage temperature range
10.0
IFSM
150.0
-65 to +150
Maximum repetitive peak reverse voltage
75
IR
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
Peak forward surge current, 8.3ms single half
-50 to +125
A
0.55
sine-wave superimposed on rated load
Maximum instantaneous IF=10A @ 25°C
mA
Maximum DC reverse current @ TA=25°C
at rated DC blocking voltage
@ TA=100°C
0.85
0.70
SS1040C
SS1060C
SS10100C
Schottky rectifiers
SS1040C-SS10100C
Rev :
www.leiditech.com
01.06.2018
1/2


Similar Part No. - SS1060C

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
SS1060C FS-SS1060C Datasheet
156Kb / 2P
Schottky Rectifier
logo
SHIKUES Electronics
SS1060CG SKTECHNOLGY-SS1060CG Datasheet
270Kb / 3P
Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SS1060C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SS26 FAIRCHILD-SS26 Datasheet
49Kb / 3P
Schottky Rectifiers
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Dongguan City Niuhang E...
MBR1020DD NIUHANG-MBR1020DD Datasheet
485Kb / 5P
SCHOTTKY RECTIFIERS
SS52F NIUHANG-SS52F Datasheet
321Kb / 3P
SCHOTTKY RECTIFIERS
1N5817 NIUHANG-1N5817 Datasheet
357Kb / 2P
SCHOTTKY RECTIFIERS
MBR1020DCT NIUHANG-MBR1020DCT Datasheet
431Kb / 3P
SCHOTTKY RECTIFIERS
MBR30100DCT NIUHANG-MBR30100DCT Datasheet
373Kb / 3P
SCHOTTKY RECTIFIERS
SR1060 NIUHANG-SR1060 Datasheet
335Kb / 3P
SCHOTTKY RECTIFIERS
logo
Shanghai Leiditech Elec...
SS68C LEIDITECH-SS68C Datasheet
863Kb / 3P
Schottky rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com