Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF-SERIES Datasheet(PDF) 1 Page - TXC Corporation.

Part # CF-SERIES
Description  3.3V and 2.5V operation available.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TXC [TXC Corporation.]
Direct Link  http://www.txccorp.com/
Logo TXC - TXC Corporation.

CF-SERIES Datasheet(HTML) 1 Page - TXC Corporation.

  CF-SERIES Datasheet HTML 1Page - TXC Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
60
Think of Frequency Think of
come visit our site http://www.txccorp.com
Units: mm
Features
.
3rd overtone solution.
.
3.3V and 2.5V operation available.
.
LVDS output, output frequencies 25 MHz to 200 MHz.
.
Excellent low phase noise and jitter.
.
Tri-State function available.
.
Applications : Fibre Channel, Gigabit Ethernet, Serial ATA, Serial
Attached SCSI, PCI-Express, SDH/SONET.
.
RoHS Compliant / Pb Free.
SMD LVDS Crystal
Oscillators - Differential Output
5.0 x 3.2 x 1.2 mm CF Series
Electrical Specifications
Dimensions
Item / Type
CF
Output Type
Output Load
Oscillation Mode
Supply Voltage
Frequency Range
Overall Frequency Stability *
Operating Temperature Range
Storage Temperature Range
Voltage Vol ( Min.) / Voh ( Max. )
Rise ( Tr ) / Fall ( Tf ) Time ( 20 % ~ 80 % )
Supply Current
Symmetry
Start-up Time
Phase Jitter ( 12 KHz ~ 20 MHz )
LVDS
100 Ω
3rd Overtone
2.5 V , 3.3 V
25 ~ 200 MHz
±
50 ppm , or specify
0 ~ + 70 ℃ , - 40 ~ + 85 ℃ , or specify
- 55 ~ + 125 ℃
0.9 V / 1.6 V
1 nS Max.
80 mA Max.
45 ~ 55 %
10 mS Max.
1 pS Max.
* Inclusive of frequency tolerance at 25 ℃, variation over temperature, supply voltage variation, aging and vibration.
TXC
CFCY1H
150.0000
150.0000
1. Enable Control or NC
2. Enable Control or NC
3. GND
4. OUT
5. OUTN
6. VDD
Pad dimension tolerance ±0.2 mm
Pin Function:
Land Pattern:
Power Supply Decoupling Capacitor is Required.
Pad dimension tolerance ±0.2 mm
4
5
3
2
3
4
2
5
1.27
6
0.64
1
1
6
5.0±0.2
1.27
1.27
5
6
0.89
4
12
3


Similar Part No. - CF-SERIES

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
CF-SERIES IRCTT-CF-SERIES Datasheet
257Kb / 3P
General Purpose Carbon Film Resistors
More results

Similar Description - CF-SERIES

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GXO-E72 GOLLEDGE-GXO-E72 Datasheet
97Kb / 2P
2.5V AND 3.3V LV-PECL Oscillator
logo
Vectron International, ...
VCJ5 VECTRON-VCJ5_09 Datasheet
224Kb / 7P
3.3V or 2.5V Operation
logo
Advanced Monolithic Sys...
AMS431 AMS-AMS431 Datasheet
599Kb / 8P
Low voltage operation (2.5V)
logo
Texas Instruments
LM1086CSX-3.3 TI-LM1086CSX-3.3 Datasheet
2Mb / 24P
Available in 1.8V, 2.5V, 2.85V, 3.3V, 3.45V, 5V and Adjustable Versions
logo
List of Unclassifed Man...
FT-ROUTER5000 ETC2-FT-ROUTER5000 Datasheet
2Mb / 6P
3.3V operation
PT3602 ETC2-PT3602 Datasheet
216Kb / 1P
2.5V~18V operation
PT3603 ETC2-PT3603 Datasheet
213Kb / 1P
2.5V~18V operation
PT3621 ETC2-PT3621 Datasheet
232Kb / 1P
2.5V~18V operation
logo
TXC Corporation.
BX-SERIES TXC-BX-SERIES Datasheet
971Kb / 1P
3.3V and 2.5V operation available.
CB-SERIES TXC-CB-SERIES Datasheet
936Kb / 1P
3.3V and 2.5V operation available.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com