Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCP020E Datasheet(PDF) 1 Page - Microsemi Corporation

Part # TCP020E
Description  Tripolar Overvoltage Protection For Network Interfaces
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

TCP020E Datasheet(HTML) 1 Page - Microsemi Corporation

  TCP020E Datasheet HTML 1Page - Microsemi Corporation TCP020E Datasheet HTML 2Page - Microsemi Corporation TCP020E Datasheet HTML 3Page - Microsemi Corporation TCP020E Datasheet HTML 4Page - Microsemi Corporation TCP020E Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Microsemi
Santa Ana Division
2830 S. Fairview Street, CA. 92704, Tel: 714-979-8220, Fax: 714-557-5989
Page 1
Copyright
 2000
TCP020E.PDF 2002-05-02
TCP020E
Tripolar Overvoltage Protection For
Network Interfaces
PRELIMINARY
SAN T A ANA DIV I S I ON
DESCRIPTION
Transient suppressor TCP020E is dedicated to ISDN, T1, Ethernet, and data lines
protection. Important features - very low breakover voltage combined with low
capacitance. May be used as a triple or a single bi-directional suppressor – see
schematic diagram.
This product provides:
-
low capacitance, allowing high speed signal transmissions with low losses
-
low dynamic breakover voltage, protecting submicron microelectronic
circuitry
-
Compliance with BELLCORE 1089-GR requirements for intrabuilding
lightning and power fault surges.
This low stand-off voltage and low capacitance protector is well suited for use in
high-speed interfaces as ISDN.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
COMPLIES WITH THE FOLLOWING STANDARDS:
CCITT K17 - K20
10/700
µs
1.5 KV
5/310
µs
38 A
VDE 0433
10/700
µs
2
KV
5/310
µs
50 A
VDE 0878
1.2/50
µs
1.5 KV
1/20
µs
40 A
CNET
0.5/700
µs
1.5 KV
0.2/310
µs
38 A
IEC801-2
15kV
air discharge
IEC801-5
1.2/50
µs
8/20
µs
4kV
100 A
KEY FEATU R ES
KEY FEATU R ES
KEY FEATU R ES
KEY FEATU R ES
BIDIRECTIONAL TRIPLE
CROWBAR PROTECTION
PEAK PULSE CURRENT:
IPP = 30 A, 10/1000 µs
BREAKDOWN VOLTAGE:
18 V
• AVAILABLE IN SO8
PACKAGES
• LOW DYNAMIC
BREAKOVER VOLTAGE:
25 V @ 2/10
µs
• Low Capacitance: 30 pF
APPLICATIONS/BENEFIT
APPLICATIONS/BENEFIT
APPLICATIONS/BENEFIT
APPLICATIONS/BENEFITS
SS
S
UL94V-0
TCPxx packages comply with requirements of UL94V-0


Similar Part No. - TCP020E

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TCP020-TM TEWS-TCP020-TM Datasheet
163Kb / 2P
Dual PMC Carrier for 6U CompactPCI (J3/J5 I/O)
2017-08-17
TCP020-TM TEWS-TCP020-TM Datasheet
894Kb / 2P
Dual PMC Carrier for 6U CompactPCI (J3/J5 I/O)
2019-12-17
More results

Similar Description - TCP020E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
THBTXXX11D STMICROELECTRONICS-THBTXXX11D Datasheet
345Kb / 9P
TRIPOLAR OVERVOLTAGE PROTECTION FOR TELECOM LINE
Oct-2003
TPI8011N STMICROELECTRONICS-TPI8011N Datasheet
56Kb / 7P
TRIPOLAR PROTECTION FOR ISDN INTERFACES
07-Nov-2007
TPN3021 STMICROELECTRONICS-TPN3021 Datasheet
46Kb / 4P
TRIPOLAR OVERVOLTAGE PROTECTION FOR NETWORK INTERFACES
Feb-1998
logo
Microsemi Corporation
TCP072E MICROSEMI-TCP072E Datasheet
390Kb / 4P
TRIPOLAR PROTECTION FOR ISDN INTERFACES
logo
STMicroelectronics
TPI8011N STMICROELECTRONICS-TPI8011N_08 Datasheet
193Kb / 9P
Tripolar protection for ISDN interfaces
07-Nov-2007
TPN3021 STMICROELECTRONICS-TPN3021_06 Datasheet
91Kb / 8P
Tripolar overvoltage protection for network interfaces
07-Feb-2006
logo
Socay Electornics Co., ...
LT3021 SOCAY-LT3021 Datasheet
161Kb / 2P
Tripolar Overvoltage Protection for Network Interfaces
logo
STMicroelectronics
TPI STMICROELECTRONICS-TPI Datasheet
195Kb / 9P
Tripolar protection for ISDN interfaces
07-Nov-2007
logo
Shanghai Leiditech Elec...
LT3010 LEIDITECH-LT3010 Datasheet
180Kb / 2P
Tripolar Overvoltage Protection for Network Interfaces
LT3021 LEIDITECH-LT3021 Datasheet
184Kb / 2P
Tripolar Overvoltage Protection for Network Interfaces
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com