Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPI Datasheet (PDF) - STMicroelectronics

TPI Datasheet PDF - STMicroelectronics
Part # TPI
Download  TPI Download
File Size   195.07 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Tripolar protection for ISDN interfaces

TPI Datasheet (PDF)

Go To PDF Page Download Datasheet
TPI Datasheet PDF - STMicroelectronics

Part # TPI
Download  TPI Click to download

File Size   195.07 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Tripolar protection for ISDN interfaces

TPI Datasheet (HTML) - STMicroelectronics


TPI Product details

Description
Dedicated devices for ISDN interface and high speed data telecom line protection. Equivalent to a triple Trisil™ with low capacitance.

Features
■ Bidirectional triple crowbar protection
■ Peak pulse current: IPP = 30 A , 10/1000 µs
■ Breakdown voltage: – TPI80N: 80 V – TPI120N: 120 V
■ Available in SO-8 package
■ Low dynamic breakover voltage: – TPI8011N: 120 V – TPI12011N: 170 V Benefits
■ Low capacitance from lines to ground, allowing high speed transmission without signal attenuation
■ Good capacitance balance between lines to ensure longitudinal balance
■ Fixed breakdown voltage in both common and differential modes
■ The same surge current capability in both common and differential modes
■ A particular attention has been given to the internal wire bonding. The “4-point” configuration ensures a reliable protection, eliminating overvoltages introduced by the parasitic inductances of the wiring (LdI/dt), especially for very fast transient overvoltages TM: Trisil is a trademark of STMicroelectronics Complies with following standards
■ CCITT K17-K20 – 10/700 µs, 1.5 kV – 5/310 µs, 38 A
■ VDE 0433 – 10/700 µs, 2 kV – 5/310 µs, 50 A
■ VDE 0878 – 1.2/50 µs, 1.5 kV – 1/20 µs, 40 A
■ IEC 61000-4-2 level 4 – 0.5/700 µs, 1.5 kV – 0.2/310 µs, 38 A




Similar Part No. - TPI

ManufacturerPart #DatasheetDescription
logo
GREATECS
TPI GREATECS-TPI Datasheet
390Kb / 2P
SPST THT Tactile Switches with LED
logo
Toppower Electronic Tec...
TPI TOPPOWER-TPI Datasheet
198Kb / 3P
1W 3KVDC Isolation & Regulated Dual Output DC-DC Converters
TPI-2W TOPPOWER-TPI-2W Datasheet
800Kb / 3P
2W 3KVDC Isolated & Regulated Single and Dual Output DC/DC Converters
TPI0505S-2W TOPPOWER-TPI0505S-2W Datasheet
800Kb / 3P
2W 3KVDC Isolated & Regulated Single and Dual Output DC/DC Converters
TPI0505SA-2W TOPPOWER-TPI0505SA-2W Datasheet
800Kb / 3P
2W 3KVDC Isolated & Regulated Single and Dual Output DC/DC Converters
More results


Similar Description - TPI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
THBTXXX11D STMICROELECTRONICS-THBTXXX11D Datasheet
345Kb / 9P
TRIPOLAR OVERVOLTAGE PROTECTION FOR TELECOM LINE
Oct-2003
TPI8011N STMICROELECTRONICS-TPI8011N Datasheet
56Kb / 7P
TRIPOLAR PROTECTION FOR ISDN INTERFACES
07-Nov-2007
TPN3021 STMICROELECTRONICS-TPN3021 Datasheet
46Kb / 4P
TRIPOLAR OVERVOLTAGE PROTECTION FOR NETWORK INTERFACES
Feb-1998
logo
Microsemi Corporation
TCP072E MICROSEMI-TCP072E Datasheet
390Kb / 4P
TRIPOLAR PROTECTION FOR ISDN INTERFACES
TCP020E MICROSEMI-TCP020E Datasheet
259Kb / 5P
Tripolar Overvoltage Protection For Network Interfaces
logo
STMicroelectronics
TPI8011N STMICROELECTRONICS-TPI8011N_08 Datasheet
193Kb / 9P
Tripolar protection for ISDN interfaces
07-Nov-2007
TPN3021 STMICROELECTRONICS-TPN3021_06 Datasheet
91Kb / 8P
Tripolar overvoltage protection for network interfaces
07-Feb-2006
logo
Socay Electornics Co., ...
LT3021 SOCAY-LT3021 Datasheet
161Kb / 2P
Tripolar Overvoltage Protection for Network Interfaces
logo
Shanghai Leiditech Elec...
LT3010 LEIDITECH-LT3010 Datasheet
180Kb / 2P
Tripolar Overvoltage Protection for Network Interfaces
LT3021 LEIDITECH-LT3021 Datasheet
184Kb / 2P
Tripolar Overvoltage Protection for Network Interfaces
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com