Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPI Datasheet(PDF) 4 Page - STMicroelectronics

Part # TPI
Description  Tripolar protection for ISDN interfaces
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TPI Datasheet(HTML) 4 Page - STMicroelectronics

  TPI Datasheet HTML 1Page - STMicroelectronics TPI Datasheet HTML 2Page - STMicroelectronics TPI Datasheet HTML 3Page - STMicroelectronics TPI Datasheet HTML 4Page - STMicroelectronics TPI Datasheet HTML 5Page - STMicroelectronics TPI Datasheet HTML 6Page - STMicroelectronics TPI Datasheet HTML 7Page - STMicroelectronics TPI Datasheet HTML 8Page - STMicroelectronics TPI Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
TPI
4/9
Figure 5.
Reference test circuit 1
Figure 6.
Functional holding current (IH) test circuit 2
Auto
Transformer
220 V / 2 A
tp = 20 ms
R2
R1
140
Ω
240
Ω
Static
relay
IBO,IH
measure
VBO
measure
VOUT
D.U.T.
K
Transformer
220 V / 800 V
2 A
TEST PROCEDURE
Pulse test duration (tp = 20 ms):
V
selection:
●
●
●
●
for Bidirectional devices = Switch K is closed
for Unidirectional devices = Switch K is open
Device with V
< 200 V
V
= 250 V
, R1 = 140
OUT
BO
OUT
RMS
➔
Ω
Device with V
> 200 V
V
= 480 V
, R2 = 240
BO
OUT
RMS
➔
Ω
R
-VP
V
BAT = - 48 V
Surge generator
D.U.T.
TEST PROCEDURE
1/ Adjust the current level at the IH value by short circuiting the AK of the D.U.T.
2/ Fire the D.U.T. with a surge current
➔ I
10 A, 10/1000 µs.
3/ The D.U.T. will come back off-state within 50 ms maximum.
PP
This is a GO-NOGO test which allows to confirm the holding current (I ) level in a
functional test circuit.
H



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com