Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPI Datasheet(PDF) 1 Page - STMicroelectronics

Part # TPI
Description  Tripolar protection for ISDN interfaces
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TPI Datasheet(HTML) 1 Page - STMicroelectronics

  TPI Datasheet HTML 1Page - STMicroelectronics TPI Datasheet HTML 2Page - STMicroelectronics TPI Datasheet HTML 3Page - STMicroelectronics TPI Datasheet HTML 4Page - STMicroelectronics TPI Datasheet HTML 5Page - STMicroelectronics TPI Datasheet HTML 6Page - STMicroelectronics TPI Datasheet HTML 7Page - STMicroelectronics TPI Datasheet HTML 8Page - STMicroelectronics TPI Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
November 2007
Rev 5
1/9
9
TPI
Tripolar protection for ISDN interfaces
Features
■ Bidirectional triple crowbar protection
■ Peak pulse current:
I
PP = 30 A , 10/1000 µs
■ Breakdown voltage:
– TPI80N:
80 V
– TPI120N: 120 V
■ Available in SO-8 package
■ Low dynamic breakover voltage:
– TPI8011N: 120 V
– TPI12011N: 170 V
Benefits
■ Low capacitance from lines to ground, allowing
high speed transmission without signal
attenuation
■ Good capacitance balance between lines to
ensure longitudinal balance
■ Fixed breakdown voltage in both common and
differential modes
■ The same surge current capability in both
common and differential modes
■ A particular attention has been given to the
internal wire bonding. The “4-point”
configuration ensures a reliable protection,
eliminating overvoltages introduced by the
parasitic inductances of the wiring (LdI/dt),
especially for very fast transient overvoltages
TM: Trisil is a trademark of STMicroelectronics
Complies with following standards
■ CCITT K17-K20
– 10/700 µs, 1.5 kV
– 5/310 µs, 38 A
■ VDE 0433
– 10/700 µs, 2 kV
– 5/310 µs, 50 A
■ VDE 0878
– 1.2/50 µs, 1.5 kV
– 1/20 µs, 40 A
■ IEC 61000-4-2 level 4
– 0.5/700 µs, 1.5 kV
– 0.2/310 µs, 38 A
Description
Dedicated devices for ISDN interface and high
speed data telecom line protection. Equivalent to
a triple Trisil™ with low capacitance.
Figure 1.
Functional diagram
SO-8
Tip
GND
GND
Ring
Tip
GND
GND
Ring
1
2
3
4
5
6
7
8
www.st.com


Similar Part No. - TPI

ManufacturerPart #DatasheetDescription
logo
GREATECS
TPI GREATECS-TPI Datasheet
390Kb / 2P
SPST THT Tactile Switches with LED
logo
Toppower Electronic Tec...
TPI TOPPOWER-TPI Datasheet
198Kb / 3P
1W 3KVDC Isolation & Regulated Dual Output DC-DC Converters
TPI-2W TOPPOWER-TPI-2W Datasheet
800Kb / 3P
2W 3KVDC Isolated & Regulated Single and Dual Output DC/DC Converters
TPI0505S-2W TOPPOWER-TPI0505S-2W Datasheet
800Kb / 3P
2W 3KVDC Isolated & Regulated Single and Dual Output DC/DC Converters
TPI0505SA-2W TOPPOWER-TPI0505SA-2W Datasheet
800Kb / 3P
2W 3KVDC Isolated & Regulated Single and Dual Output DC/DC Converters
More results

Similar Description - TPI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
THBTXXX11D STMICROELECTRONICS-THBTXXX11D Datasheet
345Kb / 9P
TRIPOLAR OVERVOLTAGE PROTECTION FOR TELECOM LINE
Oct-2003
TPI8011N STMICROELECTRONICS-TPI8011N Datasheet
56Kb / 7P
TRIPOLAR PROTECTION FOR ISDN INTERFACES
07-Nov-2007
TPN3021 STMICROELECTRONICS-TPN3021 Datasheet
46Kb / 4P
TRIPOLAR OVERVOLTAGE PROTECTION FOR NETWORK INTERFACES
Feb-1998
logo
Microsemi Corporation
TCP072E MICROSEMI-TCP072E Datasheet
390Kb / 4P
TRIPOLAR PROTECTION FOR ISDN INTERFACES
TCP020E MICROSEMI-TCP020E Datasheet
259Kb / 5P
Tripolar Overvoltage Protection For Network Interfaces
logo
STMicroelectronics
TPI8011N STMICROELECTRONICS-TPI8011N_08 Datasheet
193Kb / 9P
Tripolar protection for ISDN interfaces
07-Nov-2007
TPN3021 STMICROELECTRONICS-TPN3021_06 Datasheet
91Kb / 8P
Tripolar overvoltage protection for network interfaces
07-Feb-2006
logo
Socay Electornics Co., ...
LT3021 SOCAY-LT3021 Datasheet
161Kb / 2P
Tripolar Overvoltage Protection for Network Interfaces
logo
Shanghai Leiditech Elec...
LT3010 LEIDITECH-LT3010 Datasheet
180Kb / 2P
Tripolar Overvoltage Protection for Network Interfaces
LT3021 LEIDITECH-LT3021 Datasheet
184Kb / 2P
Tripolar Overvoltage Protection for Network Interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com