Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPI Datasheet(PDF) 6 Page - STMicroelectronics

Part # TPI
Description  Tripolar protection for ISDN interfaces
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TPI Datasheet(HTML) 6 Page - STMicroelectronics

  TPI Datasheet HTML 1Page - STMicroelectronics TPI Datasheet HTML 2Page - STMicroelectronics TPI Datasheet HTML 3Page - STMicroelectronics TPI Datasheet HTML 4Page - STMicroelectronics TPI Datasheet HTML 5Page - STMicroelectronics TPI Datasheet HTML 6Page - STMicroelectronics TPI Datasheet HTML 7Page - STMicroelectronics TPI Datasheet HTML 8Page - STMicroelectronics TPI Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Ordering information scheme
TPI
6/9
Figure 9.
Connections
3
Ordering information scheme
Figure 10.
Ordering information scheme
Tip
Tip
1
IN
OUT
IN
OUT
8
27
36
45
GND
GND
Ring
Ring
1.
Connect pins 2, 3, 6 and 7 to
ground in order to guarantee a
good surge current capability for
long duration disturbances.
2.
To take advantage of the
“4-point” structure of the
TPIxxxN, the Tip and Ring lines
have to cross the device. In this
case, the device will eliminate the
overvoltages generated by the
parasitic inductances of the
wiring (LdI/dt), especially for very
fast transients.
TPI 80 1 1 N RL
Bidirectional Tripolar Protection
Breakdown voltage
Version
Package
Revision
Packing mode
80 = 80 V
1 = SO-8
RL = Tape and reel
Blank = Tube



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com