Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPI Datasheet(PDF) 3 Page - STMicroelectronics

Part # TPI
Description  Tripolar protection for ISDN interfaces
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TPI Datasheet(HTML) 3 Page - STMicroelectronics

  TPI Datasheet HTML 1Page - STMicroelectronics TPI Datasheet HTML 2Page - STMicroelectronics TPI Datasheet HTML 3Page - STMicroelectronics TPI Datasheet HTML 4Page - STMicroelectronics TPI Datasheet HTML 5Page - STMicroelectronics TPI Datasheet HTML 6Page - STMicroelectronics TPI Datasheet HTML 7Page - STMicroelectronics TPI Datasheet HTML 8Page - STMicroelectronics TPI Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TPI
Characteristics
3/9
Table 4.
Capacitance characteristics
CONFIGURATION
CA (pF)
max.
CB (pF)
max.
CA - CB (pF)
max.
VA = -1 V
VB = -56 V
45
15
30
VA = -56 V
VB = -1 V
15
45
30
TPIxx
LINE A
LINE B
LINE A
LINE B
CA
C B
Figure 3.
Pulse waveform (10/1000 µs)
Figure 4.
Surge peak current versus overload
duration
10 0
50
%I
PP
t
t
r
p
0
t
1E-2
1E-1
1E+0
1E+1
1E+2
1E+3
0
1
2
3
4
5
6
7
8
9
10
I
(A)
TSM
F=50Hz
Tj initial=25°C
t(s)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com