Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPI Datasheet(PDF) 2 Page - STMicroelectronics

Part # TPI
Description  Tripolar protection for ISDN interfaces
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TPI Datasheet(HTML) 2 Page - STMicroelectronics

  TPI Datasheet HTML 1Page - STMicroelectronics TPI Datasheet HTML 2Page - STMicroelectronics TPI Datasheet HTML 3Page - STMicroelectronics TPI Datasheet HTML 4Page - STMicroelectronics TPI Datasheet HTML 5Page - STMicroelectronics TPI Datasheet HTML 6Page - STMicroelectronics TPI Datasheet HTML 7Page - STMicroelectronics TPI Datasheet HTML 8Page - STMicroelectronics TPI Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
TPI
2/9
1
Characteristics
Figure 2.
Table 1.
Absolute ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
IPP
Peak pulse current (see note (1))
1.
See Figure 3.
10/1000 µs
5/310 µs
2/10 µs
30
40
90
A
ITSM
Non repetitive surge peak on-state current (F = 50 Hz)
tp = 10 ms
t = 1s
8
3.5
A
Tstg
Tj
Storage temperature range
Maximum junction temperature
- 55 to 150
150
°C
TL
Maximum lead temperature for soldering during 10 s.
260
°C
Table 2.
Thermal resistances
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient
170
°C/W
Table 3.
Electrical characteristics (Tamb = 25 °C)
Symbol
Parameter
VRM
Stand-off voltage
VBR
Breakdown voltage
VBO
Breakover voltage
IRM
Leakage current
IPP
Peak pulse current
IBO
Breakover current
IH
Holding current
VF
Forward voltage drop
C
Capacitance
Order code
IRM @ VRM
VBR @ IR
VBO
VBO
dyn.
IBO
IH
max.
min.
max.
note (1)
1.
See the reference test circuit 1 (Figure 5.)
typ.
note (2)
2.
Surge test according to CCITT 1.5 kV, 10/700 µs between Tip or Ring and ground
max.
note (1)
min.
note(3)
3.
See functional holding current test circuit 2 (Figure 6.)
µA
V
V
mA
V
V
mA
mA
TPI8011N
10
70
80
1
110
120
800
150
TPI12011N
10
105
120
1
160
170
800
150



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com