Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1809310 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1809310
Description  Printed-circuit board connector - MSTBC 2,5/ 6-STZFD-5,08
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1809310 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1809310 Datasheet HTML 1Page - PHOENIX CONTACT 1809310 Datasheet HTML 2Page - PHOENIX CONTACT 1809310 Datasheet HTML 3Page - PHOENIX CONTACT 1809310 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/1809310
04/07/2014   Page 1 / 4
Printed-circuit board connector - MSTBC 2,5/ 6-STZFD-5,08 - 1809310
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 6, Pitch: 5.08 mm,
Connection method: Crimp connection, Color: green, Assembly: Direct mounting, Corresponding female crimp
contacts with current [A] and conductor cross section range [mm²] data: 10A/MSTBC-MT 0,5-1,0 (3190564); 10A/
MSTBC-MT 0,5-1,0 BA (3190645); 12A/MSTBC-MT 1,5-2,5 (3190551); 12A/MSTBC-MT 1,5-2,5 BA (3190658).
BA = Bandkontakte
The illustration shows a 15-position
version
Key commercial data
Packing unit
1 pc
GTIN
Weight per Piece (excluding packing)
4.5 GRM
Custom tariff number
85366990
Country of origin
Poland
Technical data
Dimensions
Height
10.7 mm
Pitch
5.08 mm
Dimension a
25.4 mm
General
Range of articles
MSTBC 2,5/..-STZFD
Insulating material group
I
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/3)
320 V
Rated voltage (III/2)
320 V


Similar Part No. - 1809310

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1809319 PHOENIX-1809319 Datasheet
64Kb / 5P
Printed-circuit board connector - MSTBVA 2,5/ 7-G-5,08-LR
More results

Similar Description - 1809310

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1809352 PHOENIX-1809352 Datasheet
80Kb / 4P
Printed-circuit board connector - MSTBC 2,5/10-STZFD-5,08
1809284 PHOENIX-1809284 Datasheet
80Kb / 4P
Printed-circuit board connector - MSTBC 2,5/ 3-STZFD-5,08
1809297 PHOENIX-1809297 Datasheet
80Kb / 4P
Printed-circuit board connector - MSTBC 2,5/ 4-STZFD-5,08
1809323 PHOENIX-1809323 Datasheet
80Kb / 4P
Printed-circuit board connector - MSTBC 2,5/ 7-STZFD-5,08
1809378 PHOENIX-1809378 Datasheet
80Kb / 4P
Printed-circuit board connector - MSTBC 2,5/12-STZFD-5,08
1809381 PHOENIX-1809381 Datasheet
80Kb / 4P
Printed-circuit board connector - MSTBC 2,5/13-STZFD-5,08
1809404 PHOENIX-1809404 Datasheet
80Kb / 4P
Printed-circuit board connector - MSTBC 2,5/15-STZFD-5,08
1809433 PHOENIX-1809433 Datasheet
80Kb / 4P
Printed-circuit board connector - MSTBC 2,5/18-STZFD-5,08
1809475 PHOENIX-1809475 Datasheet
80Kb / 4P
Printed-circuit board connector - MSTBC 2,5/22-STZFD-5,08
1809488 PHOENIX-1809488 Datasheet
80Kb / 4P
Printed-circuit board connector - MSTBC 2,5/23-STZFD-5,08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com