Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1809310 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1809310
Description  Printed-circuit board connector - MSTBC 2,5/ 6-STZFD-5,08
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1809310 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1809310 Datasheet HTML 1Page - PHOENIX CONTACT 1809310 Datasheet HTML 2Page - PHOENIX CONTACT 1809310 Datasheet HTML 3Page - PHOENIX CONTACT 1809310 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/us/products/1809310
04/07/2014   Page 2 / 4
Printed-circuit board connector - MSTBC 2,5/ 6-STZFD-5,08 - 1809310
Technical data
General
Rated voltage (II/2)
630 V
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A
Nominal cross section
2.5 mm²
Maximum load current
12 A (with 2.5 mm² conductor cross section)
Insulating material
PA
Inflammability class according to UL 94
V0
Number of positions
6
Connection data
Conductor cross section stranded min.
0.5 mm²
Conductor cross section stranded max.
2.5 mm²
Conductor cross section AWG/kcmil min.
20
Conductor cross section AWG/kcmil max
14
Minimum AWG according to UL/CUL
20
Maximum AWG according to UL/CUL
14
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27260704
eCl@ss 7.0
27440402
eCl@ss 8.0
27440402
ETIM
ETIM 3.0
EC001121
ETIM 4.0
EC002638
ETIM 5.0
EC002638
UNSPSC
UNSPSC 6.01
30211810
UNSPSC 7.0901
39121409
UNSPSC 11
39121409
UNSPSC 12.01
39121409



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com