Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EWL2520-R12 Datasheet(PDF) 1 Page - EXCEL CELL ELECTRONIC CO., LTD.

Part # EWL2520-R12
Description  WOUND CHIP INDUCTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECE [EXCEL CELL ELECTRONIC CO., LTD.]
Direct Link  https://www.ece.com.tw/en/
Logo ECE - EXCEL CELL ELECTRONIC CO., LTD.

EWL2520-R12 Datasheet(HTML) 1 Page - EXCEL CELL ELECTRONIC CO., LTD.

  EWL2520-R12 Datasheet HTML 1Page - EXCEL CELL ELECTRONIC CO., LTD. EWL2520-R12 Datasheet HTML 2Page - EXCEL CELL ELECTRONIC CO., LTD. EWL2520-R12 Datasheet HTML 3Page - EXCEL CELL ELECTRONIC CO., LTD. EWL2520-R12 Datasheet HTML 4Page - EXCEL CELL ELECTRONIC CO., LTD. EWL2520-R12 Datasheet HTML 5Page - EXCEL CELL ELECTRONIC CO., LTD. EWL2520-R12 Datasheet HTML 6Page - EXCEL CELL ELECTRONIC CO., LTD. EWL2520-R12 Datasheet HTML 7Page - EXCEL CELL ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ECE
-
The Name You Can Trust!
WOUND CHIP INDUCTORS
EWL SERIES
■ FEATURES
Our EWL series can endure higher current and also allow inductance value up to
1000µH.
Highly reliable in environments of sudden temperature change and humidity.
These revolutionary, compact size furthermore high reliable wound chip inductors for
automatic mounting have been developed in response to the trend toward high density
PCB.
Highly resistant to mechanical shocks and pressure.
Very strong solderability by flow soldering, soldering iron or wave soldering.
■ PART NUMBERING SYSTEM
EWL 3225 R10 M 1 Z
RoHS Compliant
Packing: 1: Tape and 7" Reel
Tolerance: J=±5%, K=±10%, M=±20%
Inductance: R10: 0.1µH
Dimensions: Length(mm) x Width(mm)
Product Name: Wound Chip Inductors
■ DIMENSIONS
UNIT:mm
Pad Layout
xxxx
INDUCTANCE CODE
xxxx
INDUCTANCE CODE
xxx
INDUCTANCE CODE
E W L 2 5 2 0
E W L 2 5 2 0
E W L 3 2 2 5
E W L 4 5 3 2
EWL3225
EWL4532


Similar Description - EWL2520-R12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CB2012T2R2M ETC1-CB2012T2R2M Datasheet
781Kb / 16P
WOUND CHIP INDUCTORS
logo
Central Technologies
CT132SMF CT-CT132SMF Datasheet
196Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT1812SMSF CT-CT1812SMSF Datasheet
224Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAF CT-CTAF Datasheet
171Kb / 1P
Wire-wound Chip Inductors - Open Wound
logo
PCA ELECTRONICS INC.
EPIMSC0402C PCA-EPIMSC0402C Datasheet
37Kb / 3P
Wound Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
LB1608T1R0M TAIYO-YUDEN-LB1608T1R0M Datasheet
2Mb / 47P
WOUND CHIP INDUCTORS
logo
Central Technologies
CT2214F CT-CT2214F Datasheet
369Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC0603F CT-CTAC0603F Datasheet
296Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC1008F CT-CTAC1008F Datasheet
305Kb / 1P
Wire-wound Chip Inductors - Open Wound
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com